Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC14 Datasheet (PDF) - Silicon Supplies

54AC14 Datasheet PDF - Silicon Supplies
Part # 54AC14
Download  54AC14 Download
File Size   569.07 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS Logic

54AC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
54AC14 Datasheet PDF - Silicon Supplies

Part # 54AC14
Download  54AC14 Click to download

File Size   569.07 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS Logic

54AC14 Datasheet (HTML) - Silicon Supplies


54AC14 Product details

Hex Schmitt-Trigger Inverter Logic IC in bare die form

Description
The 54AC14 Hex Schmitt-Trigger Inverter is fabricated
using a 1.5μm 5V CMOS process with the same high
speed performance of LSTTL combined with CMOS low
power consumption. The device performs the Boolean
function Y = Ᾱ in positive logic. Device inputs are
compatible with Standard CMOS outputs; with pull-up
resistors, they are compatible with LSTTL outputs.
Schmitt-Trigger inputs transform slow input rise and fall
times into sharply defined jitter-free output signals. Due to
the hysteresis voltage of the Schmitt trigger, the 54AC14 is
useful in noisy environments.

Features:
Outputs Sink/Source 24mA
Low Input Current: 1μA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 54HC14 or 54LS14
Full Military Temperature Range.




Similar Part No. - 54AC14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
Hex Inverter with Schmitt Trigger Input
54AC14 NSC-54AC14 Datasheet
36Kb / 7P
Hex Inverter Schmidt Trigger
logo
STMicroelectronics
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
logo
Texas Instruments
54AC14 TI-54AC14 Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
Silicon Supplies
54AC14 SS-54AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
More results


Similar Description - 54AC14

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74AC244 SS-74AC244 Datasheet
449Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC00 SS-74AC00 Datasheet
433Kb / 5P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com