Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC14 Datasheet (PDF) - STMicroelectronics

54AC14 Datasheet PDF - STMicroelectronics
Part # 54AC14
Download  54AC14 Download
File Size   403.9 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard advanced high-speed 5 V CMOS logic series

54AC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
54AC14 Datasheet PDF - STMicroelectronics

Part # 54AC14
Download  54AC14 Click to download

File Size   403.9 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard advanced high-speed 5 V CMOS logic series

54AC14 Datasheet (HTML) - STMicroelectronics


54AC14 Product details

Description

The 54AC and 54ACT series represent over 60 product types with different high-speed CMOS functions, specifically designed to meet the radiation requirements of the aerospace industry. They include a large set of gates, flip-flops, multiplexers, counters, bus interfaces, and several other functions. Their radiation hardness, immunity from single event latch-up (SEL) and single event upset (SEU), and housing in hermetic packages make them suitable for the most difficult environmental conditions. The complete specification for each type is available from the DSCC web site: www.dscc.dla.mil. STMicroelectronics guarantees full compliance of qualified parts with these DSCC specifications.



Features

■ 2 to 6 V operating voltage

■ High speed TPD = 4.5 ns (typ.)

■ Low DC power dissipation: 8 µA max.

■ Symmetrical 24 mA output characteristics

■ High noise immunity: 28% of min. VCC

■ Power-down input protection

■ Balanced propagation delays

■ Improved electrical latch-up immunity

■ Controlled rise and fall times

■ Operating temperature: - 55 to 150 °C

■ Hermetic packages

■ Rad-hard: 300 kRad TID at any Mil1019 dose rates

■ SEL immune to 110 MeV/cm²/mg LET ions

■ RHA QML-V qualified

■ Same die and electrical specification for engineering and flight models



 




Similar Part No. - 54AC14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
Hex Inverter with Schmitt Trigger Input
54AC14 NSC-54AC14 Datasheet
36Kb / 7P
Hex Inverter Schmidt Trigger
logo
Texas Instruments
54AC14 TI-54AC14 Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
Silicon Supplies
54AC14 SS-54AC14 Datasheet
569Kb / 5P
Advanced CMOS Logic
Rev 1.0 15/02/22
54AC14 SS-54AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
More results


Similar Description - 54AC14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
Advanced Rad-Hardened high speed CMOS 5V logic series
10-May-2007
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com