Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC595 Datasheet (PDF) - Silicon Supplies

54HC595 Datasheet PDF - Silicon Supplies
Part # 54HC595_V01
Download  54HC595 Download
File Size   1733.6 Kbytes
Page   9 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

54HC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
54HC595 Datasheet PDF - Silicon Supplies

Part # 54HC595_V01
Download  54HC595 Click to download

File Size   1733.6 Kbytes
Page   9 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

54HC595 Datasheet (HTML) - Silicon Supplies


54HC595 Product details

8-bit shif t registers with 3-state output latches in bare die form

Description
The 54HC595 is an 8–bit serial-in to parallel-out shift
register which drives an 8–bit D–type latch with 3–state
outputs. Both register and latch have independent
positive triggered clock inputs. All registers capture
data on rising edge and change output on the falling
edge. If both clocks are connected together the input
shift register is always one clock cycle ahead of the
output register. The shift register also features
asynchronous reset. Device inputs are compatible with
standard CMOS outputs; with pull-up resistors, they are
compatible with LSTTL outputs

Features:
Output Drive Capability: 15 LSTTL Loads
Low Input Current: 1μA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 54LS595
Full Military Temperature Range.




Similar Part No. - 54HC595_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
Rev 1.2 22/12/21
More results


Similar Description - 54HC595_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com