Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC595 Datasheet (PDF) - Silicon Supplies

54HC595 Datasheet PDF - Silicon Supplies
Part # 54HC595
Download  54HC595 Download
File Size   1731.43 Kbytes
Page   9 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 8-bit shif t registers with 3-state output latches in bare die form

54HC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
54HC595 Datasheet PDF - Silicon Supplies

Part # 54HC595
Download  54HC595 Click to download

File Size   1731.43 Kbytes
Page   9 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 8-bit shif t registers with 3-state output latches in bare die form

54HC595 Datasheet (HTML) - Silicon Supplies


54HC595 Product details

Description
The 74HC595 is an 8–bit serial-in to parallel-out shift
register which drives an 8–bit D–type latch with 3–state
outputs. Both register and latch have independent
positive triggered clock inputs. All registers capture
data on rising edge and change output on the falling
edge. If both clocks are connected together the input
shift register is always one clock cycle ahead of the
output register. The shift register also features
asynchronous reset. Device inputs are compatible with
standard CMOS outputs; with pull-up resistors, they are
compatible with LSTTL outputs.

Features:
Output Drive Capability: 15 LSTTL Loads
Low Input Current: 1μA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74LS595.




Similar Part No. - 54HC595

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
54HC595 SS-54HC595 Datasheet
1Mb / 9P
High Speed CMOS Logic
Rev 1.2 22/12/21
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
High Speed CMOS Logic
Rev 1.2 22/12/21
More results


Similar Description - 54HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74LS589 TI-SN74LS589 Datasheet
214Kb / 5P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
Silicon Supplies
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com