Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS5219A Datasheet (PDF) - Silicon Supplies

SIS5219A Datasheet PDF - Silicon Supplies
Part # SIS5219A
Download  SIS5219A Download
File Size   4683.58 Kbytes
Page   8 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form

SIS5219A Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS5219A Datasheet PDF - Silicon Supplies

Part # SIS5219A
Download  SIS5219A Click to download

File Size   4683.58 Kbytes
Page   8 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form

SIS5219A Datasheet (HTML) - Silicon Supplies


SIS5219A Product details

Description
SiS5219A is optimised to deliver up to 1A peak output
current for start-up conditions where high inrush
current is demanded. Output voltage is set by x2
external resistors and enabled or shut down by CMOS
or TTL signalling. The device exhibits low dropout
voltage and ground current, when disabled current
consumption drops to near zero. The part is optimised
for ultra-low noise performance delivering 500nV/√Hz
typical and lower with an optional bypass capacitor.
Rugged with high stability, internal limiting + thermal
shutdown features for overload immunity, the part suits
use in high performance high reliability applications.

Features:
Wide VIN 2.4V - 16V
Output current capability: 1A
Low dropout voltage:
o < 330 mV (IOUT = 500mA)
o < 550 mV (IOUT = 1000mA)
0.003% Line, 0.2% Load regulation (Typ)
Low ground current: < 13mA (IOUT = 500mA)
Ultra-Low output noise: 300 nV/√Hz with CBYPASS
CMOS/TTL-Compatible Enable/Shutdown Control
Near-Zero Shutdown Current
Current + thermal limiting + rev. polarity protection
Low temperature coefficient.




Similar Part No. - SIS5219A

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS5219A SS-SIS5219A Datasheet
4Mb / 8P
Linear Voltage Regulator
SIS5219A SS-SIS5219A Datasheet
4Mb / 8P
Linear Voltage Regulator
Rev 1.1 30/03/22
SIS5219A SS-SIS5219A_V02 Datasheet
4Mb / 8P
Linear Voltage Regulator
Rev 1.1 30/03/22
More results


Similar Description - SIS5219A

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
1A Ultra Low Dropout Positive Adjustable Regulator
Rev.1.1 Aug 23, 2005
logo
Rohm
BAXXCC0T ROHM-BAXXCC0T Datasheet
366Kb / 6P
1A Low Dropout Voltage Regulator (Adjustable Voltage)
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Silicon Supplies
SIS1084L-3.3V SS-SIS1084L-3.3V Datasheet
339Kb / 4P
Positive Fixed 3.3V Output Low Dropout Voltage Regulator in bare die form
Rev 1.0 10/05/22
78L05AC SS-78L05AC_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com