Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L05 Datasheet (PDF) - Silicon Supplies

78L05 Datasheet PDF - Silicon Supplies
Part # 78L05_V01
Download  78L05 Download
File Size   295.23 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Positive Fixed 5V Voltage Regulator in bare die form

78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L05 Datasheet PDF - Silicon Supplies

Part # 78L05_V01
Download  78L05 Click to download

File Size   295.23 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Positive Fixed 5V Voltage Regulator in bare die form

78L05 Datasheet (HTML) - Silicon Supplies


78L05 Product details

Description
The 78L05 is a 5V fixed 3-terminal voltage regulator
delivering up to 100mA of output current and equipped
with internal limiting + thermal shutdown features for
overload immunity. Implementing this device at pointof-
source removes the complexity of single point
regulation methods with reduced noise. Used in
replacement of a Zener diode/resistor combination, the
device improves output impedance by x2 order of
magnitude and delivers lower bias current with lower
noise. The 78L05 can also be used with power-pass
elements to make high-current voltage regulators.

Features:
±5% VOUT tolerance over entire temperature range
100mA Output Current
Internal thermal overload protection
Internal short circuit current limit
Full military temperature range
Industry smallest die size
Negative Voltage complement is 79L05




Similar Part No. - 78L05_V01

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
78L05 TUOFENG-78L05_V01 Datasheet
960Kb / 3P
SOT-89 Encapsulate Three Terminal Voltage Regulator
Jan,2019 V1.0
More results


Similar Description - 78L05_V01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
5V POSITIVE VOLTAGE REGULATOR
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
5V Positive Voltage Regulator
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
Silicon P lanar Zener diode in bare die form
54LVC1G34 SS-54LVC1G34 Datasheet
527Kb / 6P
Single Buffer Gate in bare die form
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
SIS5219A SS-SIS5219A_V01 Datasheet
4Mb / 8P
Positive Adjustable 1A Low-Dropout Voltage Regulator in bare die form
Rev 1.1 30/03/22
SIS1084L-3.3V SS-SIS1084L-3.3V Datasheet
339Kb / 4P
Positive Fixed 3.3V Output Low Dropout Voltage Regulator in bare die form
Rev 1.0 10/05/22
78L05AC SS-78L05AC_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com