Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L05 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

78L05 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 78L05_V01
Download  78L05 Download
File Size   960.72 Kbytes
Page   3 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description SOT-89 Encapsulate Three Terminal Voltage Regulator

78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L05 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 78L05_V01
Download  78L05 Click to download

File Size   960.72 Kbytes
Page   3 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description SOT-89 Encapsulate Three Terminal Voltage Regulator

78L05 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


78L05 Product details

FEATURES
Maximum Output current IO: 0.1 A
Output voltage VO: 5 V
Continuous total dissipation
PD: 0.5 W (Ta = 25 ℃)




Similar Part No. - 78L05_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
More results


Similar Description - 78L05_V01

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05F TGS-LM78L05F Datasheet
245Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
LM78L08F TGS-LM78L08F Datasheet
382Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
LM79L05F TGS-LM79L05F Datasheet
192Kb / 1P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L06-SOT-89 WINNERJOIN-WEJ78L06-SOT-89 Datasheet
154Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
ZP Semiconductor
CJ78L05M ZPSEMI-CJ78L05M Datasheet
1Mb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L08-3L ZPSEMI-CJ78L08-3L Datasheet
481Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
CJ78L09-SOT89-3L ZPSEMI-CJ78L09-SOT89-3L Datasheet
444Kb / 1P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L12-SOT89-3L ZPSEMI-CJ78L12-SOT89-3L Datasheet
792Kb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulator
CJ78L18-SOT89-3L ZPSEMI-CJ78L18-SOT89-3L Datasheet
387Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
logo
Jiangsu High diode Semi...
HD75L05-SOT-89-3L HDSEMI-HD75L05-SOT-89-3L Datasheet
3Mb / 4P
SOT-89-3L Encapsulate Three-terminal Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com