Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB720P15LM Datasheet (PDF) - Infineon Technologies AG

IPB720P15LM Datasheet PDF - Infineon Technologies AG
Part # IPB720P15LM
Download  IPB720P15LM Download
File Size   1812.76 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transister,-150V

IPB720P15LM Datasheet (PDF)

Go To PDF Page Download Datasheet
IPB720P15LM Datasheet PDF - Infineon Technologies AG

Part # IPB720P15LM
Download  IPB720P15LM Click to download

File Size   1812.76 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transister,-150V

IPB720P15LM Datasheet (HTML) - Infineon Technologies AG


IPB720P15LM Product details

Features
*P-channel
*Very low on-resistance Rds(on) @ Vgs=4.5V
*100% avalanche tested
*Logic level
*Enhancement mode
*Pb-free lead plating; RoHS compliant
*Halogen-free according to IEC61249-2-21




Similar Part No. - IPB720P15LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB720P15LM INFINEON-IPB720P15LM Datasheet
1Mb / 11P
OptiMOS™ Power-Transistor, -150 V
IPB720P15LMATMA1 INFINEON-IPB720P15LMATMA1 Datasheet
1Mb / 11P
OptiMOS™ Power-Transistor, -150 V
More results


Similar Description - IPB720P15LM

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1616 ROHM-2SB1616 Datasheet
39Kb / 1P
MEDIUM POWER TRANSISTER
logo
Fuji Electric
2DI75M-120 FUJI-2DI75M-120 Datasheet
150Kb / 4P
POWER TRANSISTER MODULE
2DI150M-050 FUJI-2DI150M-050 Datasheet
141Kb / 4P
POWER TRANSISTER MODULE
logo
Toshiba Semiconductor
2SC1200 TOSHIBA-2SC1200 Datasheet
322Kb / 5P
MICRO TRANSISTER
logo
Infineon Technologies A...
BSZ033N03LSCG INFINEON-BSZ033N03LSCG Datasheet
330Kb / 9P
OptiMOS?? Power-MOSFET
Rev. 1.2 2009-11-05
logo
New Jersey Semi-Conduct...
2N3734 NJSEMI-2N3734 Datasheet
180Kb / 2P
GENERAL PURPOSE TRANSISTER
logo
Galaxy Semi-Conductor H...
2SD2150 BILIN-2SD2150 Datasheet
193Kb / 4P
LOW FREQUENCY TRANSISTER
logo
Infineon Technologies A...
IPD42DP15LM INFINEON-IPD42DP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transister,-150V
2.0. 2021-05-10
IPT039N15N5 INFINEON-IPT039N15N5 Datasheet
1Mb / 11P
OptiMOS Power-Transister, 150 V
2.0. 2021-09-10
logo
Rohm
2SA1920 ROHM-2SA1920 Datasheet
65Kb / 2P
High-voltage switching Transister
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com