Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB720P15LMATMA1 Datasheet (PDF) - Infineon Technologies AG

IPB720P15LMATMA1 Datasheet PDF - Infineon Technologies AG
Part # IPB720P15LMATMA1
Download  IPB720P15LMATMA1 Download
File Size   1812.54 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS™ Power-Transistor, -150 V

IPB720P15LMATMA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPB720P15LMATMA1 Datasheet PDF - Infineon Technologies AG

Part # IPB720P15LMATMA1
Download  IPB720P15LMATMA1 Click to download

File Size   1812.54 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS™ Power-Transistor, -150 V

IPB720P15LMATMA1 Datasheet (HTML) - Infineon Technologies AG


IPB720P15LMATMA1 Product details

Features
● P-channel
● Very low on-resistance R DS(ON) @ V GS = 4.5 V
● 100% avalanche tested
● Logic level
● Enhancement mode
● Pb-free lead plating; RoHS compliant
● Halogen-free according to IEC61249-2-21




Similar Part No. - IPB720P15LMATMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB720P15LMATMA1 INFINEON-IPB720P15LMATMA1 Datasheet
1Mb / 11P
OptiMOS Power-Transister,-150V
2.0. 2021-05-10
More results


Similar Description - IPB720P15LMATMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT039N15N5 INFINEON-IPT039N15N5 Datasheet
1Mb / 11P
OptiMOS Power-Transister, 150 V
2.0. 2021-09-10
IPT044N15N5 INFINEON-IPT044N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IPT054N15N5 INFINEON-IPT054N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
ISP14EP15LM INFINEON-ISP14EP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-150 V
Rev.2.0, 2021-05-10
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
IAUS300N08S5N011 INFINEON-IAUS300N08S5N011 Datasheet
1Mb / 10P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2021-01-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com