Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC0702LS Datasheet (PDF) - Infineon Technologies AG

BSC0702LS Datasheet PDF - Infineon Technologies AG
Part # BSC0702LS
Download  BSC0702LS Download
File Size   1703.76 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS™ Power-Transistor, 60 V

BSC0702LS Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC0702LS Datasheet PDF - Infineon Technologies AG

Part # BSC0702LS
Download  BSC0702LS Click to download

File Size   1703.76 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS™ Power-Transistor, 60 V

BSC0702LS Datasheet (HTML) - Infineon Technologies AG


BSC0702LS Product details

Features
• Ideal for high-frequency switching
• Optimized for chargers
• 100% avalanche tested
• Superior thermal resistance
• N-channel, Logic level
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - BSC0702LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC070N10LS5 INFINEON-BSC070N10LS5 Datasheet
1Mb / 12P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.0,2019-04-01
BSC070N10NS3 INFINEON-BSC070N10NS3 Datasheet
440Kb / 10P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-03-11
BSC070N10NS3G INFINEON-BSC070N10NS3G Datasheet
660Kb / 10P
OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSC070N10NS3G INFINEON-BSC070N10NS3G Datasheet
440Kb / 10P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-03-11
BSC070N10NS3G INFINEON-BSC070N10NS3G_11 Datasheet
440Kb / 10P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-03-11
More results


Similar Description - BSC0702LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC112N06LD INFINEON-BSC112N06LD Datasheet
1Mb / 11P
Optimos-T2 Power Transistor, 60 V
2021-06-28 revision:2.1
BSC155N06ND INFINEON-BSC155N06ND Datasheet
1Mb / 11P
OptiMOS-T2 Power Transistor, 60 V
2021-06-28 revision:2.1
IQE030N06NM5 INFINEON-IQE030N06NM5 Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
ISC012N04NM6 INFINEON-ISC012N04NM6 Datasheet
1Mb / 12P
OptiMOS™ 6 Power-Transistor, 40 V
Rev. 2.0, 2021-11-09
IAUC120N06S5N011 INFINEON-IAUC120N06S5N011 Datasheet
826Kb / 12P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2022-11-21
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
IAUTN06S5N008G INFINEON-IAUTN06S5N008G Datasheet
1Mb / 12P
OptiMOS™ 5 Power-Transistor
Rev. 1.0 2023-02-08
IAUS300N08S5N011 INFINEON-IAUS300N08S5N011 Datasheet
1Mb / 10P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2021-01-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com