Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC012N04NM6 Datasheet (PDF) - Infineon Technologies AG

ISC012N04NM6 Datasheet PDF - Infineon Technologies AG
Part # ISC012N04NM6
Download  ISC012N04NM6 Download
File Size   1945.37 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS™ 6 Power-Transistor, 40 V

ISC012N04NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC012N04NM6 Datasheet PDF - Infineon Technologies AG

Part # ISC012N04NM6
Download  ISC012N04NM6 Click to download

File Size   1945.37 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS™ 6 Power-Transistor, 40 V

ISC012N04NM6 Datasheet (HTML) - Infineon Technologies AG


ISC012N04NM6 Product details

Features
« Nechannel
« Very low on-resistance Rosion
« Superior thermal resistance.
« 100% avalanche tested
« Pb-free lead plating; RoHS compliant
« Halogen-free according to IEC61249-2-21
- Optimized for low voltage drive applications
- Optimized for battery powered applications
« Oplimized for synchronous rectification
«175°C rated




Similar Part No. - ISC012N04NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC012N04LM6 INFINEON-ISC012N04LM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2021-08-05
ISC012N04LM6 INFINEON-ISC012N04LM6 Datasheet
1Mb / 12P
OptiMOSTM6Power-Transistor,40V
Rev.2.0,2021-04-21
ISC012N04LM6ATMA1 INFINEON-ISC012N04LM6ATMA1 Datasheet
1Mb / 12P
OptiMOSTM6Power-Transistor,40V
Rev.2.0,2021-04-21
More results


Similar Description - ISC012N04NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
IAUA250N04S6N007E INFINEON-IAUA250N04S6N007E Datasheet
780Kb / 12P
OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUA250N04S6N005 INFINEON-IAUA250N04S6N005 Datasheet
786Kb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.0 2022-01-24
IAUC100N04S6L014 INFINEON-IAUC100N04S6L014 Datasheet
668Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC100N04S6N022 INFINEON-IAUC100N04S6N022 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC120N04S6L012 INFINEON-IAUC120N04S6L012 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC120N04S6N013 INFINEON-IAUC120N04S6N013 Datasheet
672Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC60N04S6N044 INFINEON-IAUC60N04S6N044 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUC80N04S6L032 INFINEON-IAUC80N04S6L032 Datasheet
670Kb / 9P
OptiMOS™- 6 Power-Transistor
Rev. 1.0 2019-04-01
IAUCN04S6N013T INFINEON-IAUCN04S6N013T Datasheet
1Mb / 12P
Automotive MOSFET OptiMOS™ 6 Power-Transistor
Rev. 1.1 2023-08-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com