Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP14EP15LM Datasheet (PDF) - Infineon Technologies AG

ISP14EP15LM Datasheet PDF - Infineon Technologies AG
Part # ISP14EP15LM
Download  ISP14EP15LM Download
File Size   1773.59 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor,-150 V

ISP14EP15LM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP14EP15LM Datasheet PDF - Infineon Technologies AG

Part # ISP14EP15LM
Download  ISP14EP15LM Click to download

File Size   1773.59 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor,-150 V

ISP14EP15LM Datasheet (HTML) - Infineon Technologies AG


ISP14EP15LM Product details

Features
*P-channel
*Very low on-resistance Rds(on) @ Vgs=4.5 V
*Logic level
*100% avalance tested
*Enhancement mode
*Pb-free lead plating; RoHS compliant
*halogen-free axxording to IEC61249-2-21




Similar Part No. - ISP14EP15LM

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
High-Density Programmable Logic
logo
NXP Semiconductors
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results


Similar Description - ISP14EP15LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB025N08N3G INFINEON-IPB025N08N3G_16 Datasheet
848Kb / 10P
OptiMOS Power-Transistor, 80 V
2016-03-31
BSC112N06LD INFINEON-BSC112N06LD Datasheet
1Mb / 11P
Optimos-T2 Power Transistor, 60 V
2021-06-28 revision:2.1
IPB320P10LM INFINEON-IPB320P10LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100 V
2.0. 2021-05-10
IPT039N15N5 INFINEON-IPT039N15N5 Datasheet
1Mb / 11P
OptiMOS Power-Transister, 150 V
2.0. 2021-09-10
IPT044N15N5 INFINEON-IPT044N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IPT054N15N5 INFINEON-IPT054N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
IQE050N08NM5 INFINEON-IQE050N08NM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 80 V
Rev.2.0, 2021-04-26
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com