Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB320P10LM Datasheet (PDF) - Infineon Technologies AG

IPB320P10LM Datasheet PDF - Infineon Technologies AG
Part # IPB320P10LM
Download  IPB320P10LM Download
File Size   1819.41 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor,-100 V

IPB320P10LM Datasheet (PDF)

Go To PDF Page Download Datasheet
IPB320P10LM Datasheet PDF - Infineon Technologies AG

Part # IPB320P10LM
Download  IPB320P10LM Click to download

File Size   1819.41 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor,-100 V

IPB320P10LM Datasheet (HTML) - Infineon Technologies AG


IPB320P10LM Product details

Features
*P-channel
*Very low on-resistance Rds(on) @ Vgs=4.5 V
*100% avalanche tested
*Logic level
*Enhancement mode
*Pb-free lead plating; RoHS compliant
*Hlaogen-free according to IEC61249-2-21




Similar Part No. - IPB320P10LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB320N20N3 INFINEON-IPB320N20N3 Datasheet
736Kb / 11P
OptiMOS3 Power Transistor
2010-11-03 revision:2.2
IPB320N20N3-G INFINEON-IPB320N20N3-G Datasheet
736Kb / 11P
OptiMOS3 Power Transistor
2010-11-03 revision:2.2
IPB320N20N3G INFINEON-IPB320N20N3G Datasheet
426Kb / 11P
OptiMOSTM3 Power-Transistor Features N-channel, normal level
Rev. 2.2 2009-10-22
IPB320N20N3G INFINEON-IPB320N20N3G Datasheet
736Kb / 11P
OptiMOS3 Power Transistor
2010-11-03 revision:2.2
IPB320N20N3G INFINEON-IPB320N20N3G Datasheet
425Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-05-20
More results


Similar Description - IPB320P10LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB025N08N3G INFINEON-IPB025N08N3G_16 Datasheet
848Kb / 10P
OptiMOS Power-Transistor, 80 V
2016-03-31
BSC112N06LD INFINEON-BSC112N06LD Datasheet
1Mb / 11P
Optimos-T2 Power Transistor, 60 V
2021-06-28 revision:2.1
IPT044N15N5 INFINEON-IPT044N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IPT054N15N5 INFINEON-IPT054N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
ISP14EP15LM INFINEON-ISP14EP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-150 V
Rev.2.0, 2021-05-10
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
IQE050N08NM5 INFINEON-IQE050N08NM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 80 V
Rev.2.0, 2021-04-26
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com