Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT054N15N5 Datasheet (PDF) - Infineon Technologies AG

IPT054N15N5 Datasheet PDF - Infineon Technologies AG
Part # IPT054N15N5
Download  IPT054N15N5 Download
File Size   1808.99 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS 5 power-Transistor, 150 V

IPT054N15N5 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPT054N15N5 Datasheet PDF - Infineon Technologies AG

Part # IPT054N15N5
Download  IPT054N15N5 Click to download

File Size   1808.99 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS 5 power-Transistor, 150 V

IPT054N15N5 Datasheet (HTML) - Infineon Technologies AG


IPT054N15N5 Product details

Features
*N-channel
*Very low on-resistance Rds(on)
*Superior thermal resistance
*100% avalanche tested
*Pb-free lead plating; RoHS compliant
*Halogen-free according to IEC61249-2-21




Similar Part No. - IPT054N15N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT059N15N3 INFINEON-IPT059N15N3 Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2014-02-07
IPT059N15N3G INFINEON-IPT059N15N3G Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2014-02-07
More results


Similar Description - IPT054N15N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IAUZ30N10S5L240 INFINEON-IAUZ30N10S5L240 Datasheet
790Kb / 10P
OptiMOS??5 Power-Transistor
Rev. 1.0 2019-07-23
IAUZ40N08S5N100 INFINEON-IAUZ40N08S5N100 Datasheet
831Kb / 9P
OptiMOS??5 Power-Transistor
Rev. 1.0 2019-09-16
IPT039N15N5 INFINEON-IPT039N15N5 Datasheet
1Mb / 11P
OptiMOS Power-Transister, 150 V
2.0. 2021-09-10
IPT044N15N5 INFINEON-IPT044N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
ISP14EP15LM INFINEON-ISP14EP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-150 V
Rev.2.0, 2021-05-10
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
IQE050N08NM5 INFINEON-IQE050N08NM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 80 V
Rev.2.0, 2021-04-26
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com