Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG03A Datasheet (PDF) - Vishay Siliconix

NTCALUG03A Datasheet PDF - Vishay Siliconix
Part # NTCALUG03A
Download  NTCALUG03A Download
File Size   159.43 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Mini Lug Sensors

NTCALUG03A Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCALUG03A Datasheet PDF - Vishay Siliconix

Part # NTCALUG03A
Download  NTCALUG03A Click to download

File Size   159.43 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Mini Lug Sensors

NTCALUG03A Datasheet (HTML) - Vishay Siliconix


NTCALUG03A Product details

FEATURES
• Fast time response for surface applications
compared to industry standard NTC lug sensors
• Reduced thermal gradient, due to the use of
small dimensions and nickel conductor,
allowing for an accurate surface temperature
measurement
• The sensor is not suitable for being permanently
in contact with water or liquids
• Small size connector and small lug ring tongue terminal,
allowing for temperature sensing at locations where only
limited space is available
• Optional connector, rated +85 °C, tin plated (e3)
• AEC-Q200 qualified available (grade 1)
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Thermistors used for surface temperature sensing and
control in:
• Computer equipment
• MOSFETS, IC’s, power electronics, heatsink temperature
control, LED emitter heat-sink control
• Consumer appliances
• Industrial equipment
• Automotive equipment

DESCRIPTION
Miniature insulated chip thermistor with a negative
temperature coefficient soldered to AWG#32 silver plated
nickel and insulated cables, and mounted inside a mini lug
tin plated copper barrel.




Similar Part No. - NTCALUG03A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG03A103H VISHAY-NTCALUG03A103H Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
More results


Similar Description - NTCALUG03A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG03 VISHAY-NTCALUG03_17 Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com