Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG03A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCALUG03A
Description  NTC Thermistors, Mini Lug Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03A Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCALUG03A Datasheet HTML 1Page - Vishay Siliconix NTCALUG03A Datasheet HTML 2Page - Vishay Siliconix NTCALUG03A Datasheet HTML 3Page - Vishay Siliconix NTCALUG03A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NTCALUG03A / LUG39A Mini Lug Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Feb-2022
3
Document Number: 29114
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING CONNECTOR
• Important mounting and handling instructions: see www.vishay.com/doc?29221
• For the type with connector, the JST ZHR-2 connector can mate with following counter-connectors (1):
A. One of the PCB connector - through hole:
• JST B 2B-ZR (top entry)
• JST S 2B-ZR (side entry)
• JST B 2B-ZR-3.4 (top entry, for 1.6 mm board)
• JST S 2B-ZR-3.4 (side entry, for 1.6 mm board)
B. One of the PCB board connector - SMT surface mount:
• JST S 2B-ZR-SM2-TF (SM2 side entry)
• JST B 2B-ZR-SM3-TF (SM3 top entry)
• JST S 2B-ZR-SM3A-TF (SM3 side entry)
• JST B 2B-ZR-SM4-TF (SM4 top entry)
• JST S 2B-ZR-SM4A-TF (SM4 side entry)
C. The wire-to-wire connector:
• JST ZMR-02 housing (x 1) + JST SMM-003T-P0.5 terminals (x 2)
Note
(1) Additional details and dimensions can be found in JST ZH and JST ZM datasheets



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com