Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR1000 Datasheet (PDF) - Analog Devices

ADR1000 Datasheet PDF - Analog Devices
Part # ADR1000
Download  ADR1000 Download
File Size   688.2 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Oven-Compensated, Buried Zener, 6.62 V Voltage Reference

ADR1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR1000 Datasheet PDF - Analog Devices

Part # ADR1000
Download  ADR1000 Click to download

File Size   688.2 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Oven-Compensated, Buried Zener, 6.62 V Voltage Reference

ADR1000 Datasheet (HTML) - Analog Devices


ADR1000 Product details

GENERAL DESCRIPTION
The ADR1000 is a 6.62 V, output highly stable, oven-controlled,
buried Zener reference component built on an Analog Devices, Inc.,
proprietary bipolar process and is a pin-compatible replacement for
the LTZ1000. Included on the chip is a buried Zener reference,
a heater resistor for temperature stabilization, and a temperature
sensing transistor. External circuitry is used to set the operating currents
and the temperature of the reference, allowing the maximum
flexibility to achieve maximum long-term stability and minimum noise.
The ADR1000 application circuit can achieve a temperature coefficient
of <0.2 ppm/°C and a long-term drift of 0.5 ppm per year
(typical) after the first 3000 hours when properly implemented with
the recommended external circuitry shown in Figure 9 and with the
recommended layout.
The low long-term drift of the ADR1000 is well suited for any application
that must maintain accuracy over long calibration intervals
or product lifetime. The low thermal drift ensures the output is
constant with temperature variation because the on‑chip heater of
the ADR1000 maintains a constant temperature higher than the
expected ambient range.
The ADR1000 is specified for operation over the extended industrial
temperature range of −40°C to +125°C. To obtain the optimal
thermal drift performance, the temperature set point of the heater
needs to be 10°C higher than the maximum ambient temperature to
provide optimum stability of the buried Zener reference.
The ADR1000 comes packaged in an industry-standard, 8-pin
TO-99 metal can package that is hermetically sealed to resist the
effects of humidity.

FEATURES
► High long-term stability
► 0.5 ppm/year long-term drift, typical (after first 3000 hours)
► Low Zener reference noise: 0.14 ppm p-p (0.9 μV p-p)
► Low temperature coefficient: <0.2 ppm/°C
► On-chip heater and temperature sensor
► Specified for −40°C to +125°C operation
► Pin‐compatible upgrade to LTZ1000

APPLICATIONS
► High accuracy instrumentation
► Multimeters
► Weigh scales
► Electric balance
► Automatic test equipment
► Metrology equipment
► Standard cells
► Calibrators




Similar Part No. - ADR1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1001 AD-ADR1001 Datasheet
2Mb / 21P
Oven-Controlled, Buried Zener, Precision Voltage Reference
Rev. 0
ADR1001AEZ AD-ADR1001AEZ Datasheet
2Mb / 21P
Oven-Controlled, Buried Zener, Precision Voltage Reference
Rev. 0
ADR1001E-EBZ AD-ADR1001E-EBZ Datasheet
2Mb / 21P
Oven-Controlled, Buried Zener, Precision Voltage Reference
Rev. 0
More results


Similar Description - ADR1000

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
American Microsemicondu...
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Analog Devices
ADR1399 AD-ADR1399 Datasheet
2Mb / 11P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
10/2021-Revision 0
ADR1399 AD-ADR1399_V01 Datasheet
2Mb / 16P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com