Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR1001 Datasheet (PDF) - Analog Devices

ADR1001 Datasheet PDF - Analog Devices
Part # ADR1001
Download  ADR1001 Download
File Size   2571.99 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Oven-Controlled, Buried Zener, Precision Voltage Reference

ADR1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR1001 Datasheet PDF - Analog Devices

Part # ADR1001
Download  ADR1001 Click to download

File Size   2571.99 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Oven-Controlled, Buried Zener, Precision Voltage Reference

ADR1001 Datasheet (HTML) - Analog Devices


ADR1001 Product details

GENERAL DESCRIPTION
The ADR1001 is a fully integrated, ultra-low drift, buried Zener precision
voltage reference solution in a single chip. By integrating the
entire signal conditioning circuitry required by the LTZ1000 into a
single chip, the ADR1001 provides a significant reduction in overall
solution area, while simplifying the design process by eliminating
the many challenges of building a discrete circuit solution.
The on-chip heater, combined with Analog Devices buried Zener
technology, allows the ADR1001 to achieve sub-ppm temperature
coefficient performance and single-digit ppm long-term drift performance.
Besides providing best-in-class precision in all vectors,
the ADR1001 incorporates ease-of-use features to reduce cost and
design-in effort. These features include a pin-programmable internal
thermostat, resistor-programmable heater current limit, open-collector
power-good flag pin, hermetic surface-mount package, and an
extra matched resistor pair. By default, the temperature setpoint is
70°C when no external resistor is connected to the TSET pin, and
the internal heater current limit is 100 mA with HTR_ILIM shorted to
HTR_GND.
The integrated thin-film resistors and on-chip buffer can be used
to provide standard output voltage reference values that are compatible
with modern precision converters. The ADR1001 divider
network and output buffer combination is trimmed to within ±0.25%
initial accuracy. In addition, a pair of matched resistors is also
included on-chip, allowing customers to easily generate a negative
voltage reference or a gain of 2 with minimal impact to the output
accuracy or drift.
The ADR1001 is packaged in a hermetic, ceramic, 20-terminal
leadless chip carrier (LCC). The surface-mount ceramic package allows
customers to eliminate the through-hole component soldering
step while still retaining the hermetic seal of a classic through-hole
metal can package.

FEATURES
► LTZ1000-class, ultrastable, 6.6 V, buried Zener reference
► On-chip, thermally regulated, matched resistor-dividers
► Precision 5 V output ±0.25% (RISET = 102 Ω, TJ = 70°C)
► 5 V output noise (0.1 Hz to 10 Hz): 0.13 ppm p-p
► Zener, thermal loop op amps, and buffer provided on chip
► Input voltage range: 9 V to 36 V
► Hermetic, surface-mount package, 20-terminal LCC
► Ovenization ensures ultra-low temperature drift

APPLICATIONS
► Calibration equipment
► Benchtop digital multimeters
► Automated test equipment (ATE)
► Precision data acquisition systems (DAS)
► Stationary high-precision measurement devices




Similar Part No. - ADR1001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1000 AD-ADR1000 Datasheet
688Kb / 10P
Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
Rev. B
ADR1000AHZ AD-ADR1000AHZ Datasheet
688Kb / 10P
Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
Rev. B
More results


Similar Description - ADR1001

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
logo
Analog Devices
ADR1399 AD-ADR1399 Datasheet
2Mb / 11P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
10/2021-Revision 0
ADR1399 AD-ADR1399_V01 Datasheet
2Mb / 16P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
Rev. A
ADR1000 AD-ADR1000 Datasheet
688Kb / 10P
Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com