Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM2210 Datasheet (PDF) - Analog Devices

ADUM2210 Datasheet PDF - Analog Devices
Part # ADUM2210
Download  ADUM2210 Download
File Size   465.86 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators, 5 kV

ADUM2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM2210 Datasheet PDF - Analog Devices

Part # ADUM2210
Download  ADUM2210 Click to download

File Size   465.86 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators, 5 kV

ADUM2210 Datasheet (HTML) - Analog Devices


ADUM2210 Product details

GENERAL DESCRIPTION
The ADuM2210/ADuM22111 are 2-channel digital isolators
based on Analog Devices, Inc., iCoupler® technology. Combining
high speed CMOS and monolithic air core transformer technology,
these isolation components provide outstanding performance
characteristics that are superior to alternatives such as optocoupler
devices. By avoiding the use of LEDs and photodiodes, iCoupler devices
remove the design difficulties commonly associated with optocouplers.
Typical optocoupler concerns regarding uncertain current
transfer ratios, nonlinear transfer functions, and temperature
and lifetime effects are eliminated with the simple iCoupler digital
interfaces and stable performance characteristics. The need for
external drivers and other discrete components is eliminated with
these iCoupler products. Furthermore, iCoupler devices run at
one-tenth to one-sixth the power of optocouplers at comparable
signal data rates.
The ADuM2210/ADuM2211 isolators provide two independent
isolation channels in a variety of channel configurations and
data rates (see the Ordering Guide). They operate with the
supply voltage of either side ranging from 3.0 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling voltage
translation functionality across the isolation barrier. The
ADuM2210W and ADuM2211W are automotive grade versions.
Similar to the ADuM3200/ADuM3201 isolators, the ADuM2210/
ADuM2211 isolators contain various circuit and layout
enhancements to provide increased capability relative to systemlevel
IEC 61000-4-x testing (ESD, burst, and surge). The precise
capability in these tests for either the ADuM3200/ ADuM3201 or
ADuM2210/ADuM2211 products is strongly determined by the
design and layout of the user’s board or module. For more
information, see the AN-793 Application Note, ESD/Latch-Up
Considerations with iCoupler Isolation Products.

FEATURES
High isolation voltage: 5000 V rms
Enhanced system-level ESD performance per IEC 61000-4-x
Low power operation
5 V operation
1.6 mA per channel maximum at 0 Mbps to 1 Mbps
3.7 mA per channel maximum at 10 Mbps
3.3 V operation
1.4 mA per channel maximum at 0 Mbps to 1 Mbps
2.4 mA per channel maximum at 10 Mbps
Bidirectional communication
3.3 V/5 V level translation
High temperature operation: 125°C
Default low output
High data rate: dc to 10 Mbps (NRZ)
Precise timing characteristics
3 ns maximum pulse width distortion
3 ns maximum channel-to-channel matching
High common-mode transient immunity: >25 kV/μs
16-lead SOIC wide body package version (RW-16)
16-lead SOIC wide body enhanced creepage version (RI-16)
Safety and regulatory approvals (RI-16 package)
UL recognition: 5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
IEC 60601-1: 250 V rms (reinforced)
IEC 60950-1: 400 V rms (reinforced)
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak
Qualified for automotive applications

APPLICATIONS
General-purpose, high voltage, multichannel isolation
Medical equipment
Power supplies
RS-232/RS-422/RS-485 transceiver isolation
Hybrid electric vehicles, battery monitors, and motor drives




Similar Part No. - ADUM2210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. A
ADuM2210SRIZ AD-ADuM2210SRIZ Datasheet
339Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. A
ADuM2210SRWZ AD-ADuM2210SRWZ Datasheet
339Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. A
ADuM2210TRIZ AD-ADuM2210TRIZ Datasheet
339Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. A
ADuM2210TRWZ AD-ADuM2210TRWZ Datasheet
339Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. A
More results


Similar Description - ADUM2210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
1 kV, Dual Channel Digital Isolators
REV. A
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
5 kV RMS Dual Channel Digital Isolators
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com