Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM2210 Datasheet (PDF) - Analog Devices

ADUM2210 Datasheet PDF - Analog Devices
Part # ADUM2210
Download  ADUM2210 Download
File Size   339.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators, 5 kV

ADUM2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM2210 Datasheet PDF - Analog Devices

Part # ADUM2210
Download  ADUM2210 Click to download

File Size   339.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators, 5 kV

ADUM2210 Datasheet (HTML) - Analog Devices


ADUM2210 Product details

GENERAL DESCRIPTION
The ADuM2210/ADuM22111 are 2-channel digital isolators based on Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics that are superior to alternatives such as optocoupler devices.

FEATURES
   High isolation voltage: 5000 V rms
   Enhanced system-level ESD performance per IEC 61000-4-x
   Low power operation
      5 V operation
         1.6 mA per channel maximum at 0 Mbps to 1 Mbps
         3.7 mA per channel maximum at 10 Mbps
      3.3 V operation
         1.4 mA per channel maximum at 0 Mbps to 1 Mbps
         2.4 mA per channel maximum at 10 Mbps
   Bidirectional communication
   3.3 V/5 V level translation
   High temperature operation: 125°C
   Default low output
   High data rate: dc to 10 Mbps (NRZ)
   Precise timing characteristics
      3 ns maximum pulse width distortion
      3 ns maximum channel-to-channel matching
   High common-mode transient immunity: >25 kV/μs
   16-lead SOIC wide body package version (RW-16)
   16-lead SOIC wide body enhanced creepage version (RI-16)
   Safety and regulatory approvals (RI-16 package)
      UL recognition: 5000 V rms for 1 minute per UL 1577
      CSA Component Acceptance Notice 5A
         IEC 60601-1: 250 V rms (reinforced)
         IEC 60950-1: 400 V rms (reinforced)
      VDE Certificate of Conformity
         DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
         VIORM = 846 V peak
   Qualified for automotive applications

APPLICATIONS
   General-purpose, high voltage, multichannel isolation
   Medical equipment
   Power supplies
   RS-232/RS-422/RS-485 transceiver isolation
   Hybrid electric vehicles, battery monitors, and motor drives




Similar Part No. - ADUM2210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210SRIZ AD-ADUM2210SRIZ Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210SRWZ AD-ADUM2210SRWZ Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210TRIZ AD-ADUM2210TRIZ Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210TRWZ AD-ADUM2210TRWZ Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
More results


Similar Description - ADUM2210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
1 kV, Dual Channel Digital Isolators
REV. A
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
5 kV RMS Dual Channel Digital Isolators
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com