Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM3480 Datasheet (PDF) - Analog Devices

ADUM3480 Datasheet PDF - Analog Devices
Part # ADUM3480
Download  ADUM3480 Download
File Size   371.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, 3.75 kV RMS Quad Digital Isolators

ADUM3480 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3480 Datasheet PDF - Analog Devices

Part # ADUM3480
Download  ADUM3480 Click to download

File Size   371.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small, 3.75 kV RMS Quad Digital Isolators

ADUM3480 Datasheet (HTML) - Analog Devices


ADUM3480 Product details

GENERAL DESCRIPTION
The ADuM3480/ADuM3481/ADuM34821 are quad-channel
digital isolators based on the Analog Devices, Inc., iCoupler®
technology. Combining high speed CMOS and monolithic air
core transformer technology, these isolation components provide
outstanding performance characteristics superior to alternatives
such as optocoupler devices and other integrated couplers. With
typical propagation delay reduced to 25 ns, pulse width
distortion is also halved.
The four channels of the ADuM3480/ADuM3481/ADuM3482
are available in a variety of channel configurations with two data
rate grades up to 25 Mbps (see the Ordering Guide section). All
models use separate core and I/O power supplies. The core
operates between 3.0 V and 5.5 V, whereas the I/O supply can
range from 1.8 V to 5.5 V. If I/O operation is required within
the range of the core supply, the two supplies can be tied together
to allow single-supply operation. When the I/O must interface
with logic levels that are different from the core supply voltage,
the I/O supply operates independently of the core supply over
its wider range. The minimum I/O supply voltage is 1.8 V, which
allows compatibility with low voltage logic. Both core and I/O
supplies are required for proper operation.

FEATURES
Up to 25 Mbps data rate (NRZ)
Low propagation delay: 25 ns typical
Low dynamic power consumption
1.8 V to 5 V level translation
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/μs
Output default select
20-lead, RoHS-compliant, SSOP package
Safety and regulatory approvals:
UL recognition: 3750 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak

APPLICATIONS
General-purpose multichannel isolation
SPI interface/data converter isolation
Industrial field bus isolation




Similar Part No. - ADUM3480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
More results


Similar Description - ADUM3480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
5.0 kV rms Quad Digital Isolators
REV. 0
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com