Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR2001R Datasheet (PDF) - NXP Semiconductors

MR2001R Datasheet PDF - NXP Semiconductors
Part # MR2001R
Download  MR2001R Download
File Size   3104.83 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 76-77 GHz RF receiver front-end for W-band radar applications

MR2001R Datasheet (PDF)

Go To PDF Page Download Datasheet
MR2001R Datasheet PDF - NXP Semiconductors

Part # MR2001R
Download  MR2001R Click to download

File Size   3104.83 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 76-77 GHz RF receiver front-end for W-band radar applications

MR2001R Datasheet (HTML) - NXP Semiconductors


MR2001R Product details

The MR2001 is an expandable three package solution for automotive radar modules. The chipset consists of a VCO (voltage controlled oscillator), a two-channel Tx transmitter, and a three-channel Rx receiver. The MR2001R is a high performance, highly integrated, three-channel, receiver (RX) ideally suited for automotive radar applications. In conjunction with the MR2001V, a four-channel voltage controlled oscillator, and an MR2001T, a two-channel transmitter, it provides an expandable three package solution for automotive radar modules.
The chips are connected together via the LO signal around 38 GHz. The individual control of each chip is realized by SPI. The main controller and modulation master is a single microprocessor (MCU) with integrated high-speed analog to digital converters (ADC) and appropriate signal processing capability such as fast fourier transforms.
The front-end solution is specifically architected to be controlled by NXP's Qorivva MPC5775 MCU. Especially the baseband functionality (high-pass filters, variable gain amplifiers, anti-aliasing filters) on the receiver chips has been designed to work with the MPC5775 MCU.

Features
•Scalable to 4 TX channels and 12 RX channels
•Advanced packaging technology
•High performance supports fast modulation with simultaneous active channels
•Excellent spatial resolution and detection accuracy
•Local oscillator at 38 GHz to lower the distribution loss and reduce impact on antenna pattern
•Best phase noise < -75 dBc/Hz at 100 kHz offset
•Low power consumption of 2.5 W for the total transceiver
•Integrated system level calibration when combined with Qorivva MPC577xK MCU
•Compatible with all leading MCUs
•Optimized for the NXP Qorivva MPC577xK MCU
•Scalable approach to support SRR, MRR and LRR applications
•Reduced number of external components due to higher integration level
•Baseband integration on receiver suitable to work with the MPC577xK Qorivva MCU
•Bi-phase modulator on the transmitter chip

Applications
•Automotive proximity radar
•LRR, MRR and SRR
•ADAS
•Industrial surveillance and security systems




Similar Part No. - MR2001R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MR2001R NXP-MR2001R Datasheet
350Kb / 5P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 2.0, 9/2016
More results


Similar Description - MR2001R

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
Filtronic Compound Semi...
RR009 FILTRONIC-RR009 Datasheet
4Mb / 6P
Miniature Front End Radar Warning Receiver
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
Designed for RF Front-end Applications
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
MC33MR2001RSM NXP-MC33MR2001RSM Datasheet
350Kb / 5P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 2.0, 9/2016
MC33MR2001T NXP-MC33MR2001T Datasheet
2Mb / 43P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 6.0, 8/2016
MC33MR2001TSM NXP-MC33MR2001TSM Datasheet
512Kb / 5P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 2.0, 8/2016
MC33MR2001V NXP-MC33MR2001V Datasheet
2Mb / 40P
38-38.5 GHz RF 4-channel voltage controlled oscillator front-end for W-band radar applications
Rev. 5.0, 8/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com