Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2015 Datasheet (PDF) - Mitel Networks Corporation

GP2015 Datasheet PDF - Mitel Networks Corporation
Part # GP2015
Download  GP2015 Download
File Size   154.72 Kbytes
Page   24 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description GPS Receiver RF Front End

GP2015 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2015 Datasheet PDF - Mitel Networks Corporation

Part # GP2015
Download  GP2015 Click to download

File Size   154.72 Kbytes
Page   24 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description GPS Receiver RF Front End

GP2015 Datasheet (HTML) - Mitel Networks Corporation


GP2015 Product details

The GP2015 is a small format RF Front-end for Global Positioning System (GPS) receivers. Equivalent in performance to the GP2010 but in a TQFP package, this product is suited for size-critical applications as the RF area can be reduced by a factor of two to three using miniature surface mount passive components The GP2015 is designed to operate from either 3 or 5 Volt supplies.



FEATURES

■ Ultra miniature TQFP package

■ Low Voltage Operation (3V - 5V)

■ Low Power - 200mW typ. (3V supply)

■ C/A Code Compatible

■ On-chip PLL Including Complete VCO

■ Triple Conversion Receiver

■ 48-Lead Surface Mount Quad Flat-Pack Package

■ Sign and Magnitude Digital Outputs

■ Compatible with GP2021 CMOS Correlator



APPLICATIONS

■ C/A Code Global Positioning by Satellite Receivers

■ Time Standards

■ Navigation

■ Surveying



 




Similar Part No. - GP2015

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP201 DEC-GP201 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
logo
CT Micro International ...
GP201208-ATC3 CTMICRO-GP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
GP201208-CTC3 CTMICRO-GP201208-CTC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
logo
Dynex Semiconductor
GP201MHS18 DYNEX-GP201MHS18 Datasheet
129Kb / 10P
Low VCE(SAT) Half Bridge IGBT Module
More results


Similar Description - GP2015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
Fully integrated RF front-end for GPS
24-Jul-2007
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com