Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2015 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # GP2015
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2015 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  GP2015 Datasheet HTML 1Page - Mitel Networks Corporation GP2015 Datasheet HTML 2Page - Mitel Networks Corporation GP2015 Datasheet HTML 3Page - Mitel Networks Corporation GP2015 Datasheet HTML 4Page - Mitel Networks Corporation GP2015 Datasheet HTML 5Page - Mitel Networks Corporation GP2015 Datasheet HTML 6Page - Mitel Networks Corporation GP2015 Datasheet HTML 7Page - Mitel Networks Corporation GP2015 Datasheet HTML 8Page - Mitel Networks Corporation GP2015 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
GP2015
4
ELECTRICAL CHARACTERISTICS
The Electrical Characteristics are guaranteed over the following range of operating conditions (see Fig. 3 for test circuit):
Industrial (I) grade:
T
AMB =
-40
°C to +85°C
Supply voltage:
VCC and VDD = +2.7V to +5.5V
Test conditions (unless otherwise stated):
Supply voltages:
VCC = +2.7V and +5.5V, VDD = +2.7V and +5.5V
Test temperature:
Industrial (I) grade product:
+25
°C
mA
mA
mA
mA
mV
µs
dB
dB
dBm
Ω
nH
Ω
dB
dB
mV rms
Ω
Ω
dB
dB
dB
k
Ω
mV rms
k
Ω
dB
dB
dB
%
%
ms
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc
Pins 5, 26, 29, 35, 39, 46
Pin 18
Pins 5, 26, 29, 35, 39, 46
Pin 18
Between any VCC/VDD pins (Note 7)
(Note 7)
RO = 600Ω (Note 2)
FIN = 1575.42MHz
ZS = 50Ω (Note 7)
Pin 32 (Notes 1 and 7)
(Notes 1 and 7)
Pins 37 & 38 (Note 8)
FIN = 1224.58MHz (Note 7)
FIN = 175.42MHz
Pins 40 & 41 (Note 8)
Pins 44 & 45 (Note 8)
(Note 6)
FIN = 35.42MHz
(Note 3)
Pins 47 & 48 (Note 8)
CW input (Note 3)
Pin 1(Note 8)
(Note 7 and 9)
CAGC = 100nF
15kHz Loop Bandwidth
(Note 7)
77
14.5
6
5
100
25
33
120
+1.0
60
40
SUPPLY CURRENT
Normal mode - Analog interface
- Digital interface
Power down mode - Analog interface
- Digital interface
Power Supply Differential
Power down Response time
IF STRIP
Front End/Mixer 1
Conversion Gain (G1)
Noise Figure
Input Compression (1dB)
Input Impedance
Differential Output Impedance
RF Input Image Rejection
Stage 2/Mixer 2
Conversion Gain (G2)
Input Compression (1dB)
Differential Input Impedance
Differential Output Impedance
Stage 3
High Gain (In terms of total strip)
High Gain (G3)
Gain Control Range
Differential Input Impedance
IF Output amplitude
IF Output impedance
4.3MHz Filter Response
Flatness 4.3
± 1MHz
Rejection @ 0.5MHz
@ 50MHz
2 BIT QUANTISER
Sign Duty Cycle
Mag Duty Cycle
AGC Time Constant
ON-CHIP PLL SYNTHESISER
Phase Noise
± 1kHz
± 10kHz
± 100kHz
± 1MHz
± 5MHZ
± 50MHz
PLL Spurs
Characteristic
Value
Typ.
Max.
55
9
3
3
3
18
9
-16
17
3.4
700
7
27
14
700
500
75
60
1
85
1
14
70
50
30
2
-68
-75
-88
-110
-120
-120
-50
Conditions
Units
11
-22
22
5
106-G1-G2
60
-1.5
45
40
20
Min.
(Note 10)
(Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com