Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2015 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # GP2015
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2015 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button GP2015 Datasheet HTML 2Page - Mitel Networks Corporation GP2015 Datasheet HTML 3Page - Mitel Networks Corporation GP2015 Datasheet HTML 4Page - Mitel Networks Corporation GP2015 Datasheet HTML 5Page - Mitel Networks Corporation GP2015 Datasheet HTML 6Page - Mitel Networks Corporation GP2015 Datasheet HTML 7Page - Mitel Networks Corporation GP2015 Datasheet HTML 8Page - Mitel Networks Corporation GP2015 Datasheet HTML 9Page - Mitel Networks Corporation GP2015 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
GP2015
6
PIN DESCRIPTIONS
All VEE and VCC/VDD pins must be connected to ensure correct operation
Pin No.
Signal Name
Input/Output
Description
1
IFOutput
Output
IF Test output.
Connected to output of Stage 3 prior to the A to D converter.
A series 1k
Ω resistor is incorporated for buffering purposes.
2
PLL Filter 1
Output
PLL Filter 1.
Connected to the bias network within the on-chip VCO. An
external PLL loop filter network should be connected between
this pin and PLL Filt 2 (see below).
3
PLL Filter 2
Output
PLL Filter 2.
Connected to the varactor diodes within the on-chip VCO. An
external PLL loop filter network should be connected between
this pin and PLL Filt 1 (see above).
4,6
VEE (OSC)
Input
Negative supply to the on-chip VCO. (See Note 1)
5VCC (OSC)
Input
Positive supply to the on-chip VCO.
7VEE (REG)
Input
Negative supply to the VCO regulator.
This must be connected to GND.
8
PRef
Input
Power-on Reset Reference input.
An on-chip comparator produces a logic HI when the PRef
input voltage exceeds +1.21V. (Nom) (See Page 3)
9
PReset
Output
Power-on Reset Output.
A TTL compatible output controlled by the Power-on reset
comparator (See above). This output remains active even
when the chip is powered down. (See pin 19 - PDn).
10
VEE (IO)
Input
Negative supply to the Digital Interface. (See Note 2)
11
CLK
Input
Sample Clock input from the correlator chip.
A TTL compatible input (which operates at 5.714MHz if used
with GP2021 correlator device) used to clock the MAG & SIGN
output latches, on the rising edge of the CLK signal.
12, 13
N/C
Not connected. (See Note 4)
14
MAG
Output
Magnitude bit data output.
A TTL compatible signal, representing the
magnitude of the
mixed down IF signal. Derived from the on-chip 2-bit A to D
converter, synchronised to the CLK input clock signal.
15
SIGN
Output
Sign bit data output.
A TTL compatible signal, representing the
polarity of the mixed
down IF signal. Derived from the on-chip 2-bit A to D converter,
synchronised to the CLK input clock signal.
16
OPClk-
Output
40MHz Clock output - inverse phase.
One side of a balanced differential output clock, with opposite
polarity to Pin 17 - OPClk+. Used to drive a master-clock signal
within the correlator chip.
17
OPClk+
Output
40MHz Clock output - true phase.
Other side of a balanced differential output clock set, with
opposite polarity to Pin 16 - OPClk-. Used to drive a master-
clock signal within the correlator chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com