Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2015 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # GP2015
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2015 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button GP2015 Datasheet HTML 5Page - Mitel Networks Corporation GP2015 Datasheet HTML 6Page - Mitel Networks Corporation GP2015 Datasheet HTML 7Page - Mitel Networks Corporation GP2015 Datasheet HTML 8Page - Mitel Networks Corporation GP2015 Datasheet HTML 9Page - Mitel Networks Corporation GP2015 Datasheet HTML 10Page - Mitel Networks Corporation GP2015 Datasheet HTML 11Page - Mitel Networks Corporation GP2015 Datasheet HTML 12Page - Mitel Networks Corporation GP2015 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
GP2015
9
Notes on Pin Descriptions
1). Both pins 4 & 6 (VEE (OSC)) are connected internally. If the VCO regulator is used (VCC = +5.00V nominal) then both pins
4 & 6 must be left floating, with either pin de-coupled to VCC (OSC) with a 100nF capacitor. In this configuration, the dc output
level of the regulator can be monitored from VEE (OSC), with respect to VCC (OSC) - NOT 0V (VEE/GND). For operation at
VCC <+4.0V, the VCO regulator cannot be used, and both VEE (OSC) pins must be shorted to VEE (REG)
(Pin 7) - see Fig. 7.
2). The Digital Interface supply is independent from all the other supply pins, allowing supply separation to reduce the likelihood
of undesirable digital signals interfering with the IF strip. (Note the maximum allowable Power Supply Differential in the
Electrical Characteristics - page 4).
3). The 35.42MHz Bandpass filter should have a bandwidth of approx 2.0MHz. Ideally, this should be a DW9255 SAW filter.
4). These pins are not connected within the package, and may therefore be used in power/ground routing if desired. To avoid
crosstalk, their use in signal routing is not recommended.
OPERATING NOTES
A typical application circuit is shown in figure 4 with the
GP2015 front-end interfaced to the GP2021 12-channel
correlator integrated circuit. The RF input has an unmatched
input impedance (see page 4). The RF input matching
components Cs and Cp should be mounted as close to the RF
input as possible: also the Vee(RF) tracks must be kept as
short as possible. A SAW filter may be used as a 175.42MHz
filter, but this can be replaced by a simpler coupled-tuned LC
filter if there is no critical out-of-band jamming immunity
requirement. The DC bias to mixer 1 is provided via inductors
L1 and L2, which may form part of the 175.42MHz filter. The
output of mixer 2 requires an external dc bias, achieved with
inductors L3 and L4, which also serve to tune out the input
capacitance of the DW9255 SAW filter. The output of the
SAW filter is tuned with inductor L5. Capacitor (Cagc)
determines the AGC time-constant. The PLL loop filter
components are selected to give a PLL loop bandwidth of
approximately 10kHz. The IF Output is normally used for test-
purposes only, but is available to the user if required. Typically
a low noise preamplifier (gain >+15dB) is used between the
Fig. 3 GP2015 test circuit
Stage
2
Stage
3
AGC Control
M1
M2
M3
M4
RF
INPUT
Cs
Stage 1
Output
175 MHz
Stage 2
Input
175 MHz
Stage 2
Output
35 MHz
Stage 3
Input
35 MHz
C1
C2
R1
IF
Output
CLK
SIGN
MAG
Cagc
OPClk
LD
REF 2
TEST
PDn
1
14
24
PLL
LOOP
FILTER
PRESET PREF
23
15
11
48
47
45
44
41
40
38
37
32
2
Cp
3
16
17
21
PLL
SYNTHESISER
27
20
Power
Down
19
Power
Detect
98
AGC Control
ADC
Stage
3
M4
M3
Stage
2
M2
M1
Stage
1
M1 - 4 = Matching
Networks, incorporating
Balun transformers
C1
= 470nF
C2
= 10nF
R1
= 270
Ω
Cagc = 100nF
Cs
= 12pF
Cp
= 2.7pF
antenna and the RF input (pin 32), and may be located
remotely, with the antenna.
QUALITY AND RELIABILITY
At Mitel Semiconductor, quality and reliability are built
into products by rigorous control of all processing operations,
and by minimising random, uncontrolled effects in all manu-
facturing operations. Process management involves full docu-
mentation of procedures, recording of batch-by-batch data,
and the use of traceability procedures.
A common information management system is used to
monitor the manufacturing on Mitel Semiconductor CMOS
and Bipolar processes. All products benefit from the use of an
integrated monitoring system throughout all manufacturing
operations, leading to high quality standards for all technolo-
gies.
Further information is contained in the Quality Bro-
chure, available from Mitel Semiconductor's Sales Offices.
LH
Power Down
Normal Operation
Powered Down
TEST
Normal Operation
Test
CONTROL SIGNALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com