Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2015 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # GP2015
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2015 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  GP2015 Datasheet HTML 1Page - Mitel Networks Corporation GP2015 Datasheet HTML 2Page - Mitel Networks Corporation GP2015 Datasheet HTML 3Page - Mitel Networks Corporation GP2015 Datasheet HTML 4Page - Mitel Networks Corporation GP2015 Datasheet HTML 5Page - Mitel Networks Corporation GP2015 Datasheet HTML 6Page - Mitel Networks Corporation GP2015 Datasheet HTML 7Page - Mitel Networks Corporation GP2015 Datasheet HTML 8Page - Mitel Networks Corporation GP2015 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
The GP2015 is a small format RF Front-end for Global
Positioning System (GPS) receivers. Equivalent in
performance to the GP2010 but in a TQFP package, this
product is suited for size-critical applications as the RF area
can be reduced by a factor of two to three using miniature
surface mount passive components The GP2015 is designed
to operate from either 3 or 5 Volt supplies.
The input to the device is the L1 (1575.42MHz) Coarse-
Acquisition (C/A) code Global Positioning signal from an
antenna (via a low-noise pre-amplifier). The output is 2-bit
quantised for subsequent signal processing in the digital
domain. The GP2015 contains an on-chip synthesiser, mixers,
AGC and a quantiser which provides Sign and Magnitude
digital outputs. A minimum of external components is required
to make a complete GPS front-end.
The device has been designed to operate with the GP2021
12-channel Global Positioning Correlator, and DW9255 SAW
filter, both also available from Mitel Semiconductor.
FEATURES
s Ultra miniature TQFP package
s Low Voltage Operation (3V - 5V)
s Low Power - 200mW typ. (3V supply)
s C/A Code Compatible
s On-chip PLL Including Complete VCO
s Triple Conversion Receiver
s 48-Lead Surface Mount Quad Flat-Pack Package
s Sign and Magnitude Digital Outputs
s Compatible with GP2021 CMOS Correlator
APPLICATIONS
s C/A Code Global Positioning by Satellite Receivers
s Time Standards
s Navigation
s Surveying
ORDERING INFORMATION
The GP2015 is available in 48 pin TQFP package to
Industrial (-40
°C to +85°C) grade.
ORDERING CODE
GP2015 IG FP1R Industrial - Plastic 48-pin TQFP
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Name
IF Output
PLL Filter 1
PLL Filter 2
VEE (OSC)
VCC (OSC)
VEE (OSC)
VEE (REG)
PRef
PReset
VEE (IO)
CLK
N/C
N/C
MAG
SIGN
OPCIK-
OPCIK+
VDD (IO)
PDN
TEST
LD
VEE (DIG)
AGC -
AGC +
Name
N/C
VCC (DIG)
REF 2
REF 1
VCC (RF)
VEE (RF)
VEE (RF)
RF Input
VEE (RF)
VEE (RF)
VCC (RF)
N/C
O/P 1-
O/P 1+
VCC (2)
I/P 2-
I/P 2+
VEE (IF)
VEE (IF)
O/P 2-
O/P 2+
VCC (3)
I/P 3-
I/P 3+
Pin
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1234 5 6
7 8
9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
GP2015
FP48
Fig. 1 Pin connections - top view
RELATED PRODUCTS AND PUBLICATIONS
Data
Reference
35.42MHz SAW Filter
Twelve-Channel Correlator
GPS receiver RF Front-end
Design with the GP2015
Twelve-Channel GPS receiver
development system
Twelve-Channel GPS development
system
DW9255
GP2021
GP2010
GP2015
GPSBuilder-2
GPSBuilder-2.1
DS3861
DS4057
DS4056
AN4533
DS4004
DS4537
Part
Description
Supersedes edition in August 1996 Global Positioning Products Handbook, HB4305-1.0
DS4374 - 2.4 October 1996
GP2015
GPS Receiver RF Front End


Similar Part No. - GP2015

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP201 DEC-GP201 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
logo
CT Micro International ...
GP201208-ATC3 CTMICRO-GP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
GP201208-CTC3 CTMICRO-GP201208-CTC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
logo
Dynex Semiconductor
GP201MHS18 DYNEX-GP201MHS18 Datasheet
129Kb / 10P
Low VCE(SAT) Half Bridge IGBT Module
More results

Similar Description - GP2015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
Fully integrated RF front-end for GPS
24-Jul-2007
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com