Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5600 Datasheet (PDF) - STMicroelectronics

STB5600 Datasheet PDF - STMicroelectronics
Part # STB5600
Download  STB5600 Download
File Size   72.07 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description GPS RF FRONT-END IC

STB5600 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB5600 Datasheet PDF - STMicroelectronics

Part # STB5600
Download  STB5600 Click to download

File Size   72.07 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description GPS RF FRONT-END IC

STB5600 Datasheet (HTML) - STMicroelectronics


STB5600 Product details

DESCRIPTION
The STB5600, using STMicroelectronics HSB2, High Speed Bipolar technology, implements a Global Positioning System RF front-end.
The chip provides down conversion from the GPS (L1) signal at 1575 MHz via an IF of 20MHz to an output frequency of 4MHz suitable for ST20GP1 GPS processor.
It uses a single external reference oscillator to generate both RF local oscillator signals and the processor reference clock.

■ ONE CHIP SYSTEM TO INTERFACE ACTIVE ANTENNA TO ST20GP1 MICROCONTROLLER
■ COMPLETE RECEIVER USING NOVEL DUAL CONVERSION ARCHITECTURE WITH SINGLE IF FILTER
■ MINIMUM EXTERNAL COMPONENTS
■ COMPATIBLE WITH GPS L1 SPS SIGNAL
■ INTERNALLY STABILISED POWER RAILS
■ CMOS OUTPUT LEVELS
■ FROM 3.3 TO 5.9V SUPPLY VOLTAGE
■ TQFP32 PACKAGE




Similar Part No. - STB5600

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STB560 SMC-STB560 Datasheet
152Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB560 SMCDIODE-STB560 Datasheet
380Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
More results


Similar Description - STB5600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
GPS FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
GPS Front-end IC
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
GPS Front-end IC
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com