Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5600 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB5600
Description  GPS RF FRONT-END IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5600 Datasheet(HTML) 3 Page - STMicroelectronics

  STB5600 Datasheet HTML 1Page - STMicroelectronics STB5600 Datasheet HTML 2Page - STMicroelectronics STB5600 Datasheet HTML 3Page - STMicroelectronics STB5600 Datasheet HTML 4Page - STMicroelectronics STB5600 Datasheet HTML 5Page - STMicroelectronics STB5600 Datasheet HTML 6Page - STMicroelectronics STB5600 Datasheet HTML 7Page - STMicroelectronics STB5600 Datasheet HTML 8Page - STMicroelectronics STB5600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PIN CONFIGURATION
Apply 5V at the CE, VCCRF,VCCIF,VCCLOGIC pins, apply 3 V at the VCCDRIVE
Pin
Symbol
Typ. DC Bias
Dexription
Extern al circuit
1
I F1+
3.6 V
Mixer O utput 1
see application circuit
2
IF 1-
3.6 V
Mixer O utput 2
see application circuit
3VCCRF
5 V
RF Power Supply
100 nF t o VEERF
4
RF+
3.5 V
RF Input
AC Coupled
5
RF -
3.5 V
RF Input
AC Coupled
6VCCRF
5 V
RF Power Supply
100 nF to VEERF
7VEERF
2 V
RF Voltage Reference
100 nF to VCCRF
8
GNDRF
0 V
RF Ground
9VCCRF
5 V
RF Power Supply
100 nF to VEERF
10
LO+
3.5 V
Local Oscillator Input
AC Coupled
11
LO -
3.5 V
Local Oscillator Input
AC Coupled
12
VCCRF
5 V
RF Power Supply
100 nF to VEERF
13
VCCLOGIC
5 V
Logic Power Supply
100 nF to VEELOGI C
14
80 MHz+
4 V
80 MHz Clock Input
AC Coupled
15
80 MHz-
4 V
80 MHz Clock Input
AC Coupled
16
VCCLOGIC
5 V
Logic Power Supply
100 nF to VEELOGI C
17
VEELOGIC
2 V
Logic Volt age Reference
100 nF to VCCLOG IC
18
CLOCK+
0.3 V or 3 V
16 MHz Clock CMOS Output
7 pF to G NDDRIVE
19
Not Connected
20
GNDDRIVE
0 V
CMO S Drive Ground
21
DATA
0.3 V or 3 V
4 MHz Dat a CMOS Output
7 pF to G NDDRIVE
22
GNDDRIVE
0 V
CMO S Drive Ground
23
VCCDRIVE
3 V
CMO S Drive Power Supply
24
CE
3 V
Chip Enable
25
G ND
0 V
Substrate Ground
26
GNDLOGIC
0 V
Logic G round
27
GNDIF
0 V
IF Ground
28
VEEIF
2 V
IF Volt age Ref erence
100 nF to VCCIF
29
VCCIF
5 V
IF Power Supply
100 nF t o VEEIF
30
IF 2-
4 V
Limit ing Amplif ier Input
see application circuit
31
I F2+
4 V
Limit ing Amplif ier Input
see application circuit
32
VCCIF
5 V
IF Power Supply
100 nF t o VEEIF
STB5600
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com