Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5600 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB5600
Description  GPS RF FRONT-END IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5600 Datasheet(HTML) 4 Page - STMicroelectronics

  STB5600 Datasheet HTML 1Page - STMicroelectronics STB5600 Datasheet HTML 2Page - STMicroelectronics STB5600 Datasheet HTML 3Page - STMicroelectronics STB5600 Datasheet HTML 4Page - STMicroelectronics STB5600 Datasheet HTML 5Page - STMicroelectronics STB5600 Datasheet HTML 6Page - STMicroelectronics STB5600 Datasheet HTML 7Page - STMicroelectronics STB5600 Datasheet HTML 8Page - STMicroelectronics STB5600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL SPECIFICATION (VVCCRF = 3.3 V ...5.9 V; VVCCIF = 3.3 V ...5.9 V; VVCC LOGIC = 3.3 V
...5.9 V VVCCDRIVE = 3 V; Ta =25
oC unless otherwise specified)
LNA MIXER
Symb ol
Parameter
Note
Mi n.
Typ .
Max.
Un it
IVCCRF
Supply Current
VVCCRF = 5 V
20
25
mA
Zin
Differential Input
Impedance
@ 1575 MHz AC Coupled at RF+
RF - inputs
300
1
pF
Zout
Differential Out put
Impedance
@ 20 MHz AC Coupled at IF1+ IF1-
out puts
70
3
pF
GC
Voltage Conversion
Gain
RL >3K
Ω,PIN = -80 dBm
(Vin =75
µVp on 300 Ω)
35
dB
IIP1
Input Compression
Point (1dB)
(see application circuit)
-60
dBm
NF
Noise figure
5
dB
fRF
Input Signal
Frequency (L1)
1575
MHz
fIF
Output Signal
Frequency
20
MHz
LO INPUT BUFFER
Symb ol
Parameter
Note
Mi n.
Typ .
Max.
Un it
Zin
Differential Input
Impedance
@ 1555 MHz AC Coupled at LO+
LO - inputs
300
1
pF
Input Signal Level
-60
-40
-20
dBm
LIMITING AMPLIFIER
Symb ol
Parameter
Note
Mi n.
Typ .
Max.
Un it
IVCCIF
Supply Current
VVCCI F = 5 V
2. 5
3.5
mA
Zin
Differential Input
Impedance
@ 20 MHz AC Coupled at IF2+ IF2-
input s
15
K
B
Bandwidt h 3dB
5
80
MHz
Sens
Limiter sensit ivit y
Input Signal @ 20 MHz AC Coupled
100
µVp
VINMAX
Maximum Input Signal
Input Signal @ 20 MHz AC Coupled
0.5
Vp
CLOCK INPUT BUFFER
Symb ol
Parameter
Note
Mi n.
Typ .
Max.
Un it
IVCCLOGIC
Supply Current
VVCC LOGI C = 5 V
5
7
mA
Zin
Differential Input
Impedance
@ 80 MHz AC Coupled at 8O MHz+
80 MHz- input s
8
2
K
pF
Input Signal Level
@ 80 MHz AC Coupled at 8O MHz+
80 MHz- input s
5100
mVp
N
Division Ratio
5
STB5600
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com