Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB5600
Description  GPS RF FRONT-END IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5600 Datasheet(HTML) 1 Page - STMicroelectronics

  STB5600 Datasheet HTML 1Page - STMicroelectronics STB5600 Datasheet HTML 2Page - STMicroelectronics STB5600 Datasheet HTML 3Page - STMicroelectronics STB5600 Datasheet HTML 4Page - STMicroelectronics STB5600 Datasheet HTML 5Page - STMicroelectronics STB5600 Datasheet HTML 6Page - STMicroelectronics STB5600 Datasheet HTML 7Page - STMicroelectronics STB5600 Datasheet HTML 8Page - STMicroelectronics STB5600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STB5600
GPS RF FRONT-END IC
s
ONE CHIP SYSTEM TO INTERFACE
ACTIVE ANTENNA TO ST20GP1
MICROCONTROLLER
s
COMPLETE RECEIVER USING NOVEL
DUAL CONVERSION ARCHITECTURE WITH
SINGLE IF FILTER
s
MINIMUM EXTERNAL COMPONENTS
s
COMPATIBLE WITH GPS L1 SPS SIGNAL
s
INTERNALLY STABILISED POWER RAILS
s
CMOS OUTPUT LEVELS
s
FROM 3.3 TO 5.9V SUPPLY VOLTAGE
s
TQFP32 PACKAGE
DESCRIPTION
The STB5600, using STMicroelectronics HSB2,
High Speed Bipolar technology, implements a
Global Positioning System RF front-end.
The chip provides down conversion from the GPS
(L1) signal at 1575 MHz via an IF of 20MHz to an
output frequency of 4MHz suitable for ST20GP1
GPS processor.
It uses a single external reference oscillator to
generate both RF local oscillator signals and the
processor reference clock.
®
PIN CONNECTION (top view)
August 1998
TQFP32
MARKING:
STB5600
TRACEAB. CODE
ASSY CODE
1/10


Similar Part No. - STB5600

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STB560 SMC-STB560 Datasheet
152Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB560 SMCDIODE-STB560 Datasheet
380Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - STB5600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
GPS FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
GPS Front-end IC
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
GPS Front-end IC
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com