Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5600 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB5600
Description  GPS RF FRONT-END IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5600 Datasheet(HTML) 5 Page - STMicroelectronics

  STB5600 Datasheet HTML 1Page - STMicroelectronics STB5600 Datasheet HTML 2Page - STMicroelectronics STB5600 Datasheet HTML 3Page - STMicroelectronics STB5600 Datasheet HTML 4Page - STMicroelectronics STB5600 Datasheet HTML 5Page - STMicroelectronics STB5600 Datasheet HTML 6Page - STMicroelectronics STB5600 Datasheet HTML 7Page - STMicroelectronics STB5600 Datasheet HTML 8Page - STMicroelectronics STB5600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
OUTPUT SECTION
Symb ol
Parameter
Note
Mi n.
Typ .
Max.
Unit
IVCCDRIVE
Supply Current
VVCCDRIVE =3 V
8
mA
VOH
High output voltage
Vp = VVCCDRIVE =3 V
Vp-0.4
Vp
V
VOL
Low output volt age
Vn = GNDDRIVE
Vn
Vn+0. 4
V
tr
Rise Time
CLOAD =7 pF
6
ns
tf
Fall T ime
CLOAD =7 pF
2
ns
APPLICATION CIRCUIT
A typical application circuit is shown in figure 1. The RF input from the antenna downlead is fed via a
ceramic filter and matching circuit to the RF+,RF- pins. The external LNA in the antenna should have
between 10 and 35dB of amplifier gain, so the noise measured in a one MHz bandwidth should be
-114dBm for kTB in 1 MHz
+ 2dB LNA noise figure
+10/35 dB LNA gain (net)
Total -102/ 77dBm at connector.
Allowing 2dB for filter loss, -104/-79 is available at the matching circuit.
Fig. 1 Typical Application Circuit
STB5600
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com