Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C800DM Datasheet (PDF) - Vishay Siliconix

B40C800DM Datasheet PDF - Vishay Siliconix
Part # B40C800DM_V01
Download  B40C800DM Download
File Size   90.2 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Ultrafast Bridge Rectifier

B40C800DM Datasheet (PDF)

Go To PDF Page Download Datasheet
B40C800DM Datasheet PDF - Vishay Siliconix

Part # B40C800DM_V01
Download  B40C800DM Click to download

File Size   90.2 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Ultrafast Bridge Rectifier

B40C800DM Datasheet (HTML) - Vishay Siliconix


B40C800DM Product details

FEATURES
• Ideal for automated placement
• High surge current capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.

MECHANICAL DATA
Case: DFM
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body




Similar Part No. - B40C800DM_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
29-May-08
B40C800DM VISHAY-B40C800DM_11 Datasheet
80Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
19-Aug-11
More results


Similar Description - B40C800DM_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
29-May-08
B40C800DM VISHAY-B40C800DM_11 Datasheet
80Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
19-Aug-11
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
B250C800DM-E345 VISHAY-B250C800DM-E345 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
800DM VISHAY-800DM Datasheet
89Kb / 5P
Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com