Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C800DM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # B40C800DM
Description  Glass Passivated Ultrafast Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B40C800DM Datasheet(HTML) 2 Page - Vishay Siliconix

  B40C800DM_V01 Datasheet HTML 1Page - Vishay Siliconix B40C800DM_V01 Datasheet HTML 2Page - Vishay Siliconix B40C800DM_V01 Datasheet HTML 3Page - Vishay Siliconix B40C800DM_V01 Datasheet HTML 4Page - Vishay Siliconix B40C800DM_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B40C800DM, B80C800DM, B125C800DM, B250C800DM, B380C800DM
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
2
Document Number: 88533
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.5" x 0.5" (13 mm x 13 mm) copper pads
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
B40
C800DM
B80
C800DM
B125
C800DM
B250
C800DM
B380
C800DM
UNIT
Maximum instantaneous forward
voltage drop per diode
0.9 A
VF
1.0
V
Maximum reverse current at rated
repetitive peak voltage per diode
IR
10
μA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B40
C800DM
B80
C800DM
B125
C800DM
B250
C800DM
B380
C800DM
UNIT
Typical thermal resistance (1)
RJA
40
°C/W
RJL
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
B380C800DM-E3/45
0.416
45
50
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com