Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA982 Datasheet (PDF) - Vishay Siliconix

BA982 Datasheet PDF - Vishay Siliconix
Part # BA982_V01
Download  BA982 Download
File Size   178.88 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Band Switching Diodes

BA982 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA982 Datasheet PDF - Vishay Siliconix

Part # BA982_V01
Download  BA982 Click to download

File Size   178.88 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Band Switching Diodes

BA982 Datasheet (HTML) - Vishay Siliconix


BA982 Product details

FEATURES
• Silicon planar diodes
• Low dynamic forward resistance
• Low diode capacitance
• High reverse impedance
• QuadroMELF package
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC

APPLICATIONS
• Band switching in VHF-tuners

MECHANICAL DATA
Case: QuadroMELF SOD-80
Weight: approx. 34 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box




Similar Part No. - BA982_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA982 VISHAY-BA982_10 Datasheet
178Kb / 3P
Band Switching Diodes
16-Jul-10
More results


Similar Description - BA982_V01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
Band-switching diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
Band Switching Diodes
05-Aug-10
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
Band Switching Diodes
16-Mar-06
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
Band Switching Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com