Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01SA Datasheet (PDF) - Vishay Siliconix

DF01SA Datasheet PDF - Vishay Siliconix
Part # DF01SA
Download  DF01SA Download
File Size   94.14 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers

DF01SA Datasheet (PDF)

Go To PDF Page Download Datasheet
DF01SA Datasheet PDF - Vishay Siliconix

Part # DF01SA
Download  DF01SA Click to download

File Size   94.14 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers

DF01SA Datasheet (HTML) - Vishay Siliconix


DF01SA Product details

FEATURES
• UL recognition, file number E54214
• Ideal for automated placement
• Middle surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.

MECHANICAL DATA
Case: DFS
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body




Similar Part No. - DF01SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF01SA VISHAY-DF01SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DF01SA VISHAY-DF01SA Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
SEMTECH ELECTRONICS LTD...
DF01SA SEMTECH_ELEC-DF01SA Datasheet
247Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIERS
logo
Vishay Siliconix
DF01SA-E3/45 VISHAY-DF01SA-E3/45 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
DF01SA-E3/77 VISHAY-DF01SA-E3/77 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
More results


Similar Description - DF01SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB106SG CYSTEKEC-DB106SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB4ST08 CYSTEKEC-MB4ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com