Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01SA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DF01SA
Description  Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF01SA Datasheet(HTML) 1 Page - Vishay Siliconix

  DF01SA Datasheet HTML 1Page - Vishay Siliconix DF01SA Datasheet HTML 2Page - Vishay Siliconix DF01SA Datasheet HTML 3Page - Vishay Siliconix DF01SA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DF005SA, DF01SA, DF02SA, DF04SA, DF06SA, DF08SA, DF10SA
www.vishay.com
Vishay General Semiconductor
Revision: 09-Jul-2020
1
Document Number: 88574
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Single-Phase
Surface-Mount Bridge Rectifiers
LINKS TO ADDITIONAL RESOURCES
FEATURES
• UL recognition, file number E54214
• Ideal for automated placement
• Middle surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: DFS
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body
Note
(1) Units mounted on PCB with 0.51" x 0.51" (13 mm x 13 mm) copper pads
PRIMARY CHARACTERISTICS
IF(AV)
1 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V,
800 V, 1000 V
IFSM
30 A
IR
5 μA
VF at IF = 1.0 A
1.1 V
TJ max.
150 °C
Package
DFS
Circuit configuration
Quad
~
~
Case Style DFS
~
~
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DF005SA DF01SA DF02SA DF04SA DF06SA DF08SA DF10SA
UNIT
Device marking code
DFA005S DFA01S DFA02S DFA04S DFA06S DFA08S DFA10S
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified
current at TA = 40 °C (1)
IF(AV)
1.0
A
Peak forward surge current
single half
sine-wave superimposed on rated load
IFSM
30
A
Rating for fusing (t < 8.3 ms)
I2t4.5
A2s
Operating junction and storage temperature
range
TJ, TSTG
-55 to +150
°C


Similar Part No. - DF01SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF01SA VISHAY-DF01SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DF01SA VISHAY-DF01SA Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
SEMTECH ELECTRONICS LTD...
DF01SA SEMTECH_ELEC-DF01SA Datasheet
247Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIERS
logo
Vishay Siliconix
DF01SA-E3/45 VISHAY-DF01SA-E3/45 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
DF01SA-E3/77 VISHAY-DF01SA-E3/77 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
More results

Similar Description - DF01SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB106SG CYSTEKEC-DB106SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB4ST08 CYSTEKEC-MB4ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com