Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WYO252CMKR Datasheet (PDF) - Vishay Siliconix

WYO252CMKR Datasheet PDF - Vishay Siliconix
Part # WYO252CMKR
Download  WYO252CMKR Download
File Size   166.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC

WYO252CMKR Datasheet (PDF)

Go To PDF Page Download Datasheet
WYO252CMKR Datasheet PDF - Vishay Siliconix

Part # WYO252CMKR
Download  WYO252CMKR Click to download

File Size   166.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC

WYO252CMKR Datasheet (HTML) - Vishay Siliconix


WYO252CMKR Product details

FEATURES
• Complying with IEC 60384-14
• High reliability
• Wide range of capacitance values
• Wide range of different leadstyles
• Singlelayer AC disc safety capacitors
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• X1, Y2 according to IEC 60384-14
• Line-to-line filtering (Class X)
• Line-to-ground filtering (Class Y)
• EMI / RFI suppression and filtering
• Primary and secondary coupling (SMPS)

DESIGN
The capacitors consist of ceramic disc both sides of which
are silver plated. Connection leads are made of tinned
copper having diameters of 0.6 mm.
The capacitors may be supplied with straight or kinked
leads having a lead spacing of 5.0 mm or 7.5 mm.
Coating is made of blue colored flame retardant epoxy resin
in accordance with UL 94 V-0.




Similar Part No. - WYO252CMKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO VISHAY-WYO Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
WYO103MCMBB0KR VISHAY-WYO103MCMBB0KR Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
WYO103MCMBD0KR VISHAY-WYO103MCMBD0KR Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
WYO103MCMBF0KR VISHAY-WYO103MCMBF0KR Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
WYO103MCMBH0KR VISHAY-WYO103MCMBH0KR Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
More results


Similar Description - WYO252CMKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO VISHAY-WYO Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2 VISHAY-VY2_V01 Datasheet
173Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WKO VISHAY-WKO_V01 Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com