Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75572L Datasheet (PDF) - Microchip Technology

SY75572L Datasheet PDF - Microchip Technology
Part # SY75572L
Download  SY75572L Download
File Size   3527.27 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer

SY75572L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY75572L Datasheet PDF - Microchip Technology

Part # SY75572L
Download  SY75572L Click to download

File Size   3527.27 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer

SY75572L Datasheet (HTML) - Microchip Technology


SY75572L Product details

General Description
The SY75572L is a high-speed, fully differential 1:2
clock fanout buffer with a 2:1 input MUX optimized to
provide two identical output copies with 137 fs phase
jitter and a maximum of 50 ps output-to-output skew.
Designed to be used with PCI Express applications, the
SY75572L accepts and outputs HCSL or LVDS logic
levels.
The SY75572L operates from a 3.3V ±5% power
supply and is guaranteed over the full industrial
temperature range (–40°C to +85°C). It is available in a
16-pin QFN lead-free package.
The SY75572L is part of Microchip’s high-speed,
ultra-low jitter, PrecisionEdge™ product line. The
SY75572L supports PCIe Gen1-Gen4 requirements.

Features
• Two Differential Pairs of LVDS or HCSL Outputs
• Two Pairs of Differential Inputs Accept LVDS or
HCSL Logic Levels
• 267 MHz Maximum Frequency
• Ultra-Low Phase Jitter:
- 137 fsRMS, 200 MHz (12 kHz - 20 MHz)
- 153 fsRMS, 156.25 MHz (12 kHz - 20 MHz)
- 212 fsRMS, 100 MHz (12 kHz - 20 MHz)
• <2 ps Total Jitter (peak-to-peak), 200 MHz
(BER = 10–12)
• 50 ps Output-to-Output Skew
• 3.3V ±5% Power Supply Operation
• –40°C to +85°C Operating Temperature
• Available in 16-pin (3 mm × 3 mm) QFN
Lead-Free Package

Applications
• Blade Servers
• Desktop Servers
• Workstations
• Storage Area Networks
• IP Routers and Switches
• Telecom and Datacom
• High Performance Computing




Similar Part No. - SY75572L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
SY75576LKY MICREL-SY75576LKY Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
SY75576LKYTR MICREL-SY75576LKYTR Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
SY75578L MICREL-SY75578L Datasheet
651Kb / 10P
PCIe Fanout Buffer 267MHz, 8 HCSL Outputs with 2 Input MUX
SY75578LMG MICREL-SY75578LMG Datasheet
651Kb / 10P
PCIe Fanout Buffer 267MHz, 8 HCSL Outputs with 2 Input MUX
More results


Similar Description - SY75572L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3L208K ONSEMI-NB3L208K Datasheet
123Kb / 13P
2.5V, 3.3V Differential 1:8 HCSL Fanout Buffer
March, 2015 ??Rev. 2
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Integrated Device Techn...
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com