Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75576L Datasheet (PDF) - Micrel Semiconductor

SY75576L Datasheet PDF - Micrel Semiconductor
Part # SY75576L
Download  SY75576L Download
File Size   682.9 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer

SY75576L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY75576L Datasheet PDF - Micrel Semiconductor

Part # SY75576L
Download  SY75576L Click to download

File Size   682.9 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer

SY75576L Datasheet (HTML) - Micrel Semiconductor


SY75576L Product details

General Description
The SY75576L is a high-speed, fully differential 1:4 clock fanout buffer optimized to provide four identical output copies with 137fs phase jitter and maximum 50ps outputto-output skew. Designed to be used with PCI-Express applications, SY75576L accepts and outputs HCSL or LVDS logic levels.

Features
• Four differential pairs of LVDS or HCSL outputs
• Two pairs of differential inputs accept LVDS or HCSL logic levels
• 267MHz max HCSL frequency
• 100MHz max LVDS frequency
• Ultra low phase jitter:
    − 137fsrms, 200MHz (12kHz–20MHz)
    − 153fsrms, 156.25MHz (12kHz–20MHz)
    − 212fsrms, 100MHz (12kHz–20MHz)
• <2ps Total_Jitterpk-pk, 200MHz (BER = 10−12)
• 50ps output-to-output skew
• 3.3V ±5% power supply operation
• −40°C to +85°C operating temperature
• Available in 20-pin TSSOP lead-free package

Applications
• Clock distribution
• PCI-Express
• Servers
• Switches
• Routers




Similar Part No. - SY75576L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY75572L MICROCHIP-SY75572L Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
SY75572LMG MICROCHIP-SY75572LMG Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
SY75572LMG-TR MICROCHIP-SY75572LMG-TR Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
logo
Micrel Semiconductor
SY75578L MICREL-SY75578L Datasheet
651Kb / 10P
PCIe Fanout Buffer 267MHz, 8 HCSL Outputs with 2 Input MUX
SY75578LMG MICREL-SY75578LMG Datasheet
651Kb / 10P
PCIe Fanout Buffer 267MHz, 8 HCSL Outputs with 2 Input MUX
More results


Similar Description - SY75576L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
logo
Micrel Semiconductor
SY75578L MICREL-SY75578L Datasheet
651Kb / 10P
PCIe Fanout Buffer 267MHz, 8 HCSL Outputs with 2 Input MUX
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3L208K ONSEMI-NB3L208K Datasheet
123Kb / 13P
2.5V, 3.3V Differential 1:8 HCSL Fanout Buffer
March, 2015 ??Rev. 2
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
logo
Microchip Technology
SY75572L MICROCHIP-SY75572L Datasheet
3Mb / 20P
267 MHz 1:2 3.3V HCSL/LVDS Fanout Buffer
Revision A (March 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com