Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273196 Datasheet (PDF) - PHOENIX CONTACT

3273196 Datasheet PDF - PHOENIX CONTACT
Part # 3273196
Download  3273196 Download
File Size   216.79 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-NS35A-FE

3273196 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273196 Datasheet PDF - PHOENIX CONTACT

Part # 3273196
Download  3273196 Click to download

File Size   216.79 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-NS35A-FE

3273196 Datasheet (HTML) - PHOENIX CONTACT


3273196 Product details

Distribution block, Block with horizontal alignment, The blocks can be bridged with one another via the conductor shaft. For corresponding plug-in bridges, see accessories, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection, number of connections: 18, cross section: 0.14 mm² - 4 mm², AWG: 26 - 12, width: 46.9 mm, color: black/yellow, mounting type: NS 35/7,5, NS 35/15

Your advantages
Space savings of up to 50% on the DIN rail, thanks to transverse mounting
Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273196

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273190 PHOENIX-3273190 Datasheet
214Kb / 18P
Distribution block - PTFIX 18X2,5-NS35A BK
09/12/2020
3273192 PHOENIX-3273192 Datasheet
214Kb / 18P
Distribution block - PTFIX 18X2,5-NS35A VT
09/12/2020
3273193 PHOENIX-3273193 Datasheet
902Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A PK
Sep 8, 2022
3273194 PHOENIX-3273194 Datasheet
912Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A OG
Jul 21, 2022
3273198 PHOENIX-3273198 Datasheet
930Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A GY
May 13, 2022
More results


Similar Description - 3273196

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273190 PHOENIX-3273190 Datasheet
214Kb / 18P
Distribution block - PTFIX 18X2,5-NS35A BK
09/12/2020
3273192 PHOENIX-3273192 Datasheet
214Kb / 18P
Distribution block - PTFIX 18X2,5-NS35A VT
09/12/2020
3273328 PHOENIX-3273328 Datasheet
724Kb / 31P
Distribution block - PTFIX 18X2,5-FE
Jun 24, 2022
3273182 PHOENIX-3273182 Datasheet
909Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A YE
Jun 24, 2022
3273184 PHOENIX-3273184 Datasheet
907Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A GN
Jun 24, 2022
3273176 PHOENIX-3273176 Datasheet
907Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A GY
Jun 13, 2022
3273186 PHOENIX-3273186 Datasheet
910Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A BN
Jul 21, 2022
3273188 PHOENIX-3273188 Datasheet
910Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A WH
Jul 21, 2022
3273194 PHOENIX-3273194 Datasheet
912Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A OG
Jul 21, 2022
3273262 PHOENIX-3273262 Datasheet
917Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A-FE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com