Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273328 Datasheet (PDF) - PHOENIX CONTACT

3273328 Datasheet PDF - PHOENIX CONTACT
Part # 3273328
Download  3273328 Download
File Size   724.29 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-FE

3273328 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273328 Datasheet PDF - PHOENIX CONTACT

Part # 3273328
Download  3273328 Click to download

File Size   724.29 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-FE

3273328 Datasheet (HTML) - PHOENIX CONTACT


3273328 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,color: black/yellow

Your advantages
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273320 PHOENIX-3273320 Datasheet
708Kb / 30P
Distribution block - PTFIX 18X2,5 WH
Jul 20, 2022
3273322 PHOENIX-3273322 Datasheet
707Kb / 31P
Distribution block - PTFIX 18X2,5 BK
Jun 7, 2022
3273324 PHOENIX-3273324 Datasheet
250Kb / 9P
PTFIX 18X2,5 VT - Distribution block
3273325 PHOENIX-3273325 Datasheet
642Kb / 27P
Distribution block - PTFIX 18X2,5 PK
Nov 30, 2022
3273326 PHOENIX-3273326 Datasheet
710Kb / 30P
Distribution block - PTFIX 18X2,5 OG
Jul 20, 2022
More results


Similar Description - 3273328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273196 PHOENIX-3273196 Datasheet
216Kb / 18P
Distribution block - PTFIX 18X2,5-NS35A-FE
09/12/2020
3274164 PHOENIX-3274164 Datasheet
199Kb / 16P
Distribution block - PTFIX 18X2,5-NS15A-FE
09/12/2020
3273316 PHOENIX-3273316 Datasheet
711Kb / 31P
Distribution block - PTFIX 18X2,5 GN
Jun 24, 2022
3273130 PHOENIX-3273130 Datasheet
923Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35-FE
Jun 22, 2022
3273458 PHOENIX-3273458 Datasheet
637Kb / 28P
Distribution block - PTFIX 18X2,5-FE-G
Jun 29, 2022
3273394 PHOENIX-3273394 Datasheet
728Kb / 32P
Distribution block - PTFIX 6/18X2,5-FE
Jun 24, 2022
3274230 PHOENIX-3274230 Datasheet
925Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS15A-FE
Jul 20, 2022
3273064 PHOENIX-3273064 Datasheet
921Kb / 37P
Distribution block - PTFIX 18X2,5-NS35-FE
Jul 21, 2022
3273524 PHOENIX-3273524 Datasheet
634Kb / 28P
Distribution block - PTFIX 6/18X2,5-FE-G
Jul 20, 2022
3273262 PHOENIX-3273262 Datasheet
917Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A-FE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com