Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273524 Datasheet (PDF) - PHOENIX CONTACT

3273524 Datasheet PDF - PHOENIX CONTACT
Part # 3273524
Download  3273524 Download
File Size   634.44 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-FE-G

3273524 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273524 Datasheet PDF - PHOENIX CONTACT

Part # 3273524
Download  3273524 Click to download

File Size   634.44 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-FE-G

3273524 Datasheet (HTML) - PHOENIX CONTACT


3273524 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:
450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross
section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross
section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: black/yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273524

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273520 PHOENIX-3273520 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G VT
Jun 29, 2022
3273521 PHOENIX-3273521 Datasheet
572Kb / 25P
Distribution block - PTFIX 6/18X2,5-G PK
Sep 8, 2022
3273522 PHOENIX-3273522 Datasheet
627Kb / 29P
Distribution block - PTFIX 6/18X2,5-G OG
Jun 29, 2022
3273526 PHOENIX-3273526 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35 GY
Jun 29, 2022
3273528 PHOENIX-3273528 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BU
More results


Similar Description - 3273524

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273506 PHOENIX-3273506 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G BU
Jun 3, 2022
3273328 PHOENIX-3273328 Datasheet
724Kb / 31P
Distribution block - PTFIX 18X2,5-FE
Jun 24, 2022
3273504 PHOENIX-3273504 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G GY
Jun 15, 2022
3273508 PHOENIX-3273508 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G RD
Jun 15, 2022
3273130 PHOENIX-3273130 Datasheet
923Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35-FE
Jun 22, 2022
3273458 PHOENIX-3273458 Datasheet
637Kb / 28P
Distribution block - PTFIX 18X2,5-FE-G
Jun 29, 2022
3273520 PHOENIX-3273520 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G VT
Jun 29, 2022
3273394 PHOENIX-3273394 Datasheet
728Kb / 32P
Distribution block - PTFIX 6/18X2,5-FE
Jun 24, 2022
3274230 PHOENIX-3274230 Datasheet
925Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS15A-FE
Jul 20, 2022
3273262 PHOENIX-3273262 Datasheet
917Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A-FE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com