Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273520 Datasheet (PDF) - PHOENIX CONTACT

3273520 Datasheet PDF - PHOENIX CONTACT
Part # 3273520
Download  3273520 Download
File Size   626.07 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-G VT

3273520 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273520 Datasheet PDF - PHOENIX CONTACT

Part # 3273520
Download  3273520 Click to download

File Size   626.07 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-G VT

3273520 Datasheet (HTML) - PHOENIX CONTACT


3273520 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:
450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross
section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross
section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: violet

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273521 PHOENIX-3273521 Datasheet
572Kb / 25P
Distribution block - PTFIX 6/18X2,5-G PK
Sep 8, 2022
3273522 PHOENIX-3273522 Datasheet
627Kb / 29P
Distribution block - PTFIX 6/18X2,5-G OG
Jun 29, 2022
3273524 PHOENIX-3273524 Datasheet
634Kb / 28P
Distribution block - PTFIX 6/18X2,5-FE-G
Jul 20, 2022
3273526 PHOENIX-3273526 Datasheet
478Kb / 20P
Distribution block - PTFIX 6X4-NS35 GY
Jun 29, 2022
3273528 PHOENIX-3273528 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 BU
More results


Similar Description - 3273520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273192 PHOENIX-3273192 Datasheet
214Kb / 18P
Distribution block - PTFIX 18X2,5-NS35A VT
09/12/2020
3273126 PHOENIX-3273126 Datasheet
910Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 VT
Jun 13, 2022
3273498 PHOENIX-3273498 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G VT
Jun 23, 2022
3273476 PHOENIX-3273476 Datasheet
645Kb / 29P
Distribution block - PTFIX 6/6X2,5-G VT
Jun 23, 2022
3273060 PHOENIX-3273060 Datasheet
905Kb / 38P
Distribution block - PTFIX 18X2,5-NS35 VT
Jul 6, 2022
3273454 PHOENIX-3273454 Datasheet
622Kb / 27P
Distribution block - PTFIX 18X2,5-G VT
Jul 20, 2022
3273390 PHOENIX-3273390 Datasheet
714Kb / 32P
Distribution block - PTFIX 6/18X2,5 VT
Jun 13, 2022
3274226 PHOENIX-3274226 Datasheet
924Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS15A VT
Jun 24, 2022
3273258 PHOENIX-3273258 Datasheet
909Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A VT
Jul 21, 2022
3274160 PHOENIX-3274160 Datasheet
818Kb / 33P
Distribution block - PTFIX 18X2,5-NS15A VT
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com