Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273476 Datasheet (PDF) - PHOENIX CONTACT

3273476 Datasheet PDF - PHOENIX CONTACT
Part # 3273476
Download  3273476 Download
File Size   645.24 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-G VT

3273476 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273476 Datasheet PDF - PHOENIX CONTACT

Part # 3273476
Download  3273476 Click to download

File Size   645.24 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5-G VT

3273476 Datasheet (HTML) - PHOENIX CONTACT


3273476 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: violet

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273470 PHOENIX-3273470 Datasheet
645Kb / 29P
Distribution block - PTFIX 6/6X2,5-G BN
Jun 23, 2022
3273472 PHOENIX-3273472 Datasheet
644Kb / 29P
Distribution block - PTFIX 6/6X2,5-G WH
Jun 29, 2022
3273474 PHOENIX-3273474 Datasheet
643Kb / 29P
Distribution block - PTFIX 6/6X2,5-G BK
Jun 2, 2022
3273477 PHOENIX-3273477 Datasheet
642Kb / 28P
Distribution block - PTFIX 6/6X2,5-G PK
Sep 8, 2022
3273478 PHOENIX-3273478 Datasheet
646Kb / 29P
Distribution block - PTFIX 6/6X2,5-G OG
Jun 29, 2022
More results


Similar Description - 3273476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273498 PHOENIX-3273498 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G VT
Jun 23, 2022
3273214 PHOENIX-3273214 Datasheet
931Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A VT
Jun 13, 2022
3273280 PHOENIX-3273280 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 VT
Jun 24, 2022
3273082 PHOENIX-3273082 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 VT
Jul 6, 2022
3273148 PHOENIX-3273148 Datasheet
899Kb / 38P
Distribution block - PTFIX 6X2,5-NS35A VT
Jun 22, 2022
3273520 PHOENIX-3273520 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G VT
Jun 29, 2022
3273410 PHOENIX-3273410 Datasheet
888Kb / 35P
Distribution block - PTFIX 6X2,5-G VT
Jul 20, 2022
3273016 PHOENIX-3273016 Datasheet
850Kb / 35P
Distribution block - PTFIX 6X2,5-NS35 VT
Jul 21, 2022
3274116 PHOENIX-3274116 Datasheet
612Kb / 27P
Distribution block - PTFIX 6X2,5-NS15A VT
Jul 20, 2022
3274182 PHOENIX-3274182 Datasheet
925Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A VT
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com