Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVLJS053N12MCL Datasheet (PDF) - ON Semiconductor

NVLJS053N12MCL Datasheet PDF - ON Semiconductor
Part # NVLJS053N12MCL
Download  NVLJS053N12MCL Download
File Size   260.37 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A

NVLJS053N12MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVLJS053N12MCL Datasheet PDF - ON Semiconductor

Part # NVLJS053N12MCL
Download  NVLJS053N12MCL Click to download

File Size   260.37 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A

NVLJS053N12MCL Datasheet (HTML) - ON Semiconductor


NVLJS053N12MCL Product details

Features
• Shielded Gate MOSFET Technology
• 50% Lower Qrr than Other MOSFET Suppliers
• Lowers Switching Noise/EMI
• Low Profile − 0.5 mm Maximum in MicroFET 2x2 mm
• 100% UIL Tested
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant

Typical Applications
• Primary DC−DC MOSFET
• Synchronous Rectifier in DC−DC and AC−DC
• Motor Drive




Similar Part No. - NVLJS053N12MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVLJD4007NZ ONSEMI-NVLJD4007NZ Datasheet
132Kb / 6P
30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
NVLJD4007NZTAG ONSEMI-NVLJD4007NZTAG Datasheet
132Kb / 6P
30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
NVLJD4007NZTBG ONSEMI-NVLJD4007NZTBG Datasheet
132Kb / 6P
30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
NVLJWD023N04CL ONSEMI-NVLJWD023N04CL Datasheet
140Kb / 7P
MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
NVLJWD023N04CLTAG ONSEMI-NVLJWD023N04CLTAG Datasheet
140Kb / 7P
MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
More results


Similar Description - NVLJS053N12MCL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86570L FAIRCHILD-FDMC86570L Datasheet
352Kb / 7P
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
logo
ON Semiconductor
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
NTTFS022N15MC ONSEMI-NTTFS022N15MC Datasheet
270Kb / 6P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench
October, 2020 ??Rev. 0
FDMS86181 ONSEMI-FDMS86181 Datasheet
482Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, POWERTRENCH
December, 2020 ??Rev. 3
FDP2D9N12C ONSEMI-FDP2D9N12C Datasheet
306Kb / 7P
MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1
NTTFS034N15MC ONSEMI-NTTFS034N15MC Datasheet
329Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 150 V, 31 m, 27 A
October, 2020-Rev. 0
STLJS050N12MCLL ONSEMI-STLJS050N12MCLL Datasheet
201Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A
August, 2021 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com