Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLJS050N12MCLL Datasheet (PDF) - ON Semiconductor

STLJS050N12MCLL Datasheet PDF - ON Semiconductor
Part # STLJS050N12MCLL
Download  STLJS050N12MCLL Download
File Size   201.09 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A

STLJS050N12MCLL Datasheet (PDF)

Go To PDF Page Download Datasheet
STLJS050N12MCLL Datasheet PDF - ON Semiconductor

Part # STLJS050N12MCLL
Download  STLJS050N12MCLL Click to download

File Size   201.09 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A

STLJS050N12MCLL Datasheet (HTML) - ON Semiconductor


STLJS050N12MCLL Product details

Features
• Shielded Gate MOSFET Technology
• 50% Lower Qrr than Other MOSFET Suppliers
• Lowers Switching Noise/EMI
• Low Profile − 0.5 mm in MicroFET 2x2 mm
• 100% UIL Tested
• These Devices are Pb−Free and are RoHS Compliant

Typical Applications
• Primary DC−DC MOSFET
• Synchronous Rectifier in DC−DC and AC−DC
• Motor Drive




Similar Part No. - STLJS050N12MCLL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
Plug connector cable
More results


Similar Description - STLJS050N12MCLL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
NTTFS022N15MC ONSEMI-NTTFS022N15MC Datasheet
270Kb / 6P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench
October, 2020 ??Rev. 0
FDMS86181 ONSEMI-FDMS86181 Datasheet
482Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, POWERTRENCH
December, 2020 ??Rev. 3
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDP2D9N12C ONSEMI-FDP2D9N12C Datasheet
306Kb / 7P
MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1
NTTFS034N15MC ONSEMI-NTTFS034N15MC Datasheet
329Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 150 V, 31 m, 27 A
October, 2020-Rev. 0
NVLJS053N12MCL ONSEMI-NVLJS053N12MCL Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com