Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLJS050N12MCLL Datasheet(PDF) 1 Page - ON Semiconductor

Part # STLJS050N12MCLL
Description  MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STLJS050N12MCLL Datasheet(HTML) 1 Page - ON Semiconductor

  STLJS050N12MCLL Datasheet HTML 1Page - ON Semiconductor STLJS050N12MCLL Datasheet HTML 2Page - ON Semiconductor STLJS050N12MCLL Datasheet HTML 3Page - ON Semiconductor STLJS050N12MCLL Datasheet HTML 4Page - ON Semiconductor STLJS050N12MCLL Datasheet HTML 5Page - ON Semiconductor STLJS050N12MCLL Datasheet HTML 6Page - ON Semiconductor STLJS050N12MCLL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2020
August, 2021 − Rev. 0
1
Publication Order Number:
STLJS050N12MCLL/D
MOSFET - Power, Single
N-Channel, Shielded Gate,
PowerTrench)
120 V, 50.6 m
W, 4.5 A
STLJS050N12MCLL
Features
• Shielded Gate MOSFET Technology
• 50% Lower Qrr than Other MOSFET Suppliers
• Lowers Switching Noise/EMI
• Low Profile − 0.5 mm in MicroFET 2x2 mm
• 100% UIL Tested
• These Devices are Pb−Free and are RoHS Compliant
Typical Applications
• Primary DC−DC MOSFET
• Synchronous Rectifier in DC−DC and AC−DC
• Motor Drive
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
120
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
TA = 25°C
ID
4.5
A
Power Dissipation (Note 1)
TA = 25°C
PD
2.1
W
Power Dissipation (Note 2)
TA = 25°C
PD
0.62
W
Pulsed Drain Current (Note 3)
TA = 25°C
IDM
51
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+150
°C
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 4 A) (Note 4)
EAS
8.0
mJ
Maximum Lead Temperature for Soldering
Purposes (1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance Junction−to−Ambient
(Note 1)
RqJA
60
°C/W
Thermal Resistance Junction−to−Ambient
(Note 2)
RqJA
200
°C/W
1. Surface mounted on a FR−4 board using 1 in2 pad of 2 oz copper.
2. Surface mounted on a FR−4 board using the minimum recommended pad of
2 oz copper.
3. Pulsed ID please refer to Figure 11 SOA graph for more details.
4. EAS of 8 mJ is based on starting TJ = 25°C; L = 1 mH, IAS = 4 A,
VDD = 120 V, VGS = 10 V.
5. ESD Rating: HBM = 250 V (Class 1A), CDM = 1500 V (Class C5).
www.onsemi.com
V(BR)DSS
RDS(on) MAX
ID MAX
120 V
50.6 mW @ 10 V
4.5 A
UDFN6
(2 X 2)
CASE 517DZ
MARKING DIAGRAM
(Note: Microdot may be in either location)
N−CHANNEL MOSFET
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
70 mW @ 4.5 V
5L = Specific Device Code
M
= One Digit Date Code
G
= Pb−Free Package
5L MG
G
175 mW @ 2.5 V


Similar Part No. - STLJS050N12MCLL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
Plug connector cable
More results

Similar Description - STLJS050N12MCLL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
NTTFS022N15MC ONSEMI-NTTFS022N15MC Datasheet
270Kb / 6P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench
October, 2020 ??Rev. 0
FDMS86181 ONSEMI-FDMS86181 Datasheet
482Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, POWERTRENCH
December, 2020 ??Rev. 3
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDP2D9N12C ONSEMI-FDP2D9N12C Datasheet
306Kb / 7P
MOSFET - N-Channel, Shielded Gate PowerTrench 120 V, 2.95 m, 181 A
October, 2019 ??Rev. 1
NTTFS034N15MC ONSEMI-NTTFS034N15MC Datasheet
329Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 150 V, 31 m, 27 A
October, 2020-Rev. 0
NVLJS053N12MCL ONSEMI-NVLJS053N12MCL Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com