Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034 Datasheet (PDF) - Analog Devices

ADP1034 Datasheet PDF - Analog Devices
Part # ADP1034
Download  ADP1034 Download
File Size   4413.71 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and

ADP1034 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1034 Datasheet PDF - Analog Devices

Part # ADP1034
Download  ADP1034 Click to download

File Size   4413.71 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and

ADP1034 Datasheet (HTML) - Analog Devices


ADP1034 Product details

GENERAL DESCRIPTION
The ADP1034 is high performance, isolated micropower management
unit (PMU) that combines an isolated flyback dc-to-dc regulator,
an inverting buck boost dc-to-dc regulator, and a buck dc-todc
regulator, providing three isolated power rails. The ADP1034
includes four high speed serial peripheral interface (SPI) isolation
channels and three general-purpose isolators for channel to channel
applications where low power dissipation and small solution size
are required.
Operating over an input voltage range of 4.5 V to 60 V, the
ADP1034 generates isolated output voltage ranges of 6 V to 28 V
for VOUT1, −24 V to −2 V for VOUT3, and a factory-programmable
voltage of 5 V for VOUT2. Additionally, a PPC_IN pin is provided for
adjusting the VOUT1 setting on demand through a serial command
that allows higher efficiency in system level applications.
By default, the ADP1034 flyback regulator operates at a 250 kHz
switching frequency, and the buck and inverting regulators operate
at 125 kHz. The ADP1034 can be driven by an external oscillator in
the range of 350 kHz to 750 kHz to ease noise filtering in sensitive
applications.
The digital isolators integrated in the ADP1034 use Analog Devices,
Inc., iCoupler® chip scale transformer technology optimized for low
power and low radiated emissions. The ADP1034 is available in a
9 mm × 7 mm, 41-lead lead frame chip scale package (LFCSP)
and is rated for a −40°C to +125°C operating junction temperature range.

FEATURES
► Wide input supply voltage range: 4.5 V to 60 V
► Integrated flyback power switch
► Generates isolated, independent, resistor-programmable bipolar
outputs and factory-programmable buck output
► VOUT1: 6 V to 28 V
► VOUT2: 5.0 V
► VOUT3: −24 V to −2 V
► 86% typical efficiency at 2.61 W output power
► Programmable power control pin (PPC_IN) for adjusting VOUT1
through serial command
► Uses a 1:1 ratio transformer for simplified transformer design
► Adjustable switching frequency via SYNC input
► Peak current limiting and overvoltage protection
► Internal compensation and soft start control per regulator
► Precision enable input
► High speed, low propagation delay, SPI signal isolation channels
► Three 100 kbps general-purpose isolated data channels
► 41-lead, 9 mm × 7 mm LFCSP form factor enables small overall
solution size
► −40°C to +125°C operating junction temperature range
► Safety and regulatory approvals (pending)
► CISPR11 Class B radiated emission
► UL recognition: 2500 V rms for 1 minute per UL 1577
► CSA Component Acceptance Notice 5A
► 300 V rms basic insulation between slave, master, and field
power domains (IEC 61010-1, pending)
► VDE certificate of conformity
► DIN V VDE 0884-10 (VDE 0884-10):2006-12
► VIORM = 565 V peak

APPLICATIONS
► Industrial automation and process control
► Instrumentation and data acquisition systems
► Data and power isolation




Similar Part No. - ADP1034

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1034ACP0Z-1-R7 AD-ADP1034ACP0Z-1-R7 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results


Similar Description - ADP1034

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4470 AD-ADUM4470 Datasheet
750Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
REV. 0
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Analog Devices
ADP1031 AD-ADP1031 Datasheet
1Mb / 37P
Three-Channel, Isolated Micropower Management Unit
1/2019-Revision 0
ADP1032 AD-ADP1032 Datasheet
1Mb / 37P
Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
1/2020-Revision 0
ADP1031 AD-ADP1031_V01 Datasheet
1Mb / 38P
Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
Rev. A
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
Micropower Quad-Channel Digital Isolators
Rev. E
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com