Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3270149 Datasheet (PDF) - PHOENIX CONTACT

3270149 Datasheet PDF - PHOENIX CONTACT
Part # 3270149
Download  3270149 Download
File Size   205.43 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - PTRV 8-FE /BKYE

3270149 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270149 Datasheet PDF - PHOENIX CONTACT

Part # 3270149
Download  3270149 Click to download

File Size   205.43 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Potential distributors - PTRV 8-FE /BKYE

3270149 Datasheet (HTML) - PHOENIX CONTACT


3270149 Product details

Potential distributors, nom. voltage: 250 V, nominal current: 17.5 A, cross section: 0.14 mm² - 2.5 mm²,
AWG: 14 - 26, connection method: Push-in connection, number of positions: 2, number of connections: 32,
width: 8.3 mm, length: 100 mm, color: gray, color of connection elements: black, yellow, mounting: NS
35/7,5, NS 35/15

Your advantages
Individual color assignment of cable and terminal point to ensure error-free, safe operation
Tool-free wiring in a confined space thanks to compact size
Potential distributor in black-yellow version for marking the functional ground
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry




Similar Part No. - 3270149

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270140 PHOENIX-3270140 Datasheet
924Kb / 35P
Marshalling panel - PTRV 8 /GY
May 16, 2022
3270142 PHOENIX-3270142 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV /BK
May 16, 2022
3270145 PHOENIX-3270145 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV BU/BK
May 17, 2022
3270148 PHOENIX-3270148 Datasheet
205Kb / 18P
Potential distributors - PTRV 8-FE /YEBK
09/12/2020
More results


Similar Description - 3270149

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270130 PHOENIX-3270130 Datasheet
190Kb / 16P
Potential distributors - PTRV 4-FE /YEBK
09/12/2020
3270131 PHOENIX-3270131 Datasheet
190Kb / 16P
Potential distributors - PTRV 4-FE /BKYE
09/12/2020
3270148 PHOENIX-3270148 Datasheet
205Kb / 18P
Potential distributors - PTRV 8-FE /YEBK
09/12/2020
3270185 PHOENIX-3270185 Datasheet
191Kb / 16P
Potential distributors - FTRV 4-FE /BKYE
09/12/2020
3270142 PHOENIX-3270142 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV /BK
May 16, 2022
3270145 PHOENIX-3270145 Datasheet
932Kb / 37P
Potential distributors - PTRV 8-PV BU/BK
May 17, 2022
3270249 PHOENIX-3270249 Datasheet
937Kb / 38P
Potential distributors - PTRV 8-PV /BU
Jun 3, 2022
3270248 PHOENIX-3270248 Datasheet
936Kb / 38P
Potential distributors - PTRV 8-PV /RD
Jun 3, 2022
3270202 PHOENIX-3270202 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-FE /YEBK
Jun 15, 2022
3270204 PHOENIX-3270204 Datasheet
931Kb / 37P
Potential distributors - FTRV 8-FE /BKYE
Jun 15, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com